Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2209DL Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2209DL
Description  16V, 2A, 600kHz Synchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2209DL Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2209DL Datasheet HTML 1Page - Monolithic Power Systems MP2209DL Datasheet HTML 2Page - Monolithic Power Systems MP2209DL Datasheet HTML 3Page - Monolithic Power Systems MP2209DL Datasheet HTML 4Page - Monolithic Power Systems MP2209DL Datasheet HTML 5Page - Monolithic Power Systems MP2209DL Datasheet HTML 6Page - Monolithic Power Systems MP2209DL Datasheet HTML 7Page - Monolithic Power Systems MP2209DL Datasheet HTML 8Page - Monolithic Power Systems MP2209DL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP2209 – 16V, 2A, 600KHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2209 Rev. 1.01
www.MonolithicPower.com
2
7/11/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP2209DL
QFN14
(3mm x 4mm)
2209
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP2209DL–Z).
For RoHS compliant packaging, add suffix –LF (eg. MP2209DL–LF–Z)
PACKAGE REFERENCE
14
13
12
11
10
9
8
1
2
3
4
5
6
7
ABSOLUTE MAXIMUM RATINGS (1)
IN to GND .....................................-0.3V to +18V
SW to GND ........................... -0.3V to VIN + 0.3V
.............................-2.5V to VIN + 2.5V for < 50ns
FB, EN/SYNC, VCC to GND...........-0.3V to +6.5V
BS to SW .....................................-0.3V to +6.5V
Continuous Power Dissipation (TA = +25°C)
(2)
………………………………………………....2.6W
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature............... -65°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VIN ..............................3V to 16V
Bias Voltage VCC ...................................3V to 6V
Output Voltage VOUT..................0.8V to 0.9 x VIN
Operating Junct. Temp (TJ)...... -40°C to +125°C
EN/SYNC Voltage.................. No more than VCC
Thermal Resistance
(4)
θJA
θJC
QFN14 (3mm x 4mm) .............48 ...... 11 ...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ (MAX)-
TA)/θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com