Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2214 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2214
Description  16V, 4A, 600kHz Synchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2214 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2214 Datasheet HTML 1Page - Monolithic Power Systems MP2214 Datasheet HTML 2Page - Monolithic Power Systems MP2214 Datasheet HTML 3Page - Monolithic Power Systems MP2214 Datasheet HTML 4Page - Monolithic Power Systems MP2214 Datasheet HTML 5Page - Monolithic Power Systems MP2214 Datasheet HTML 6Page - Monolithic Power Systems MP2214 Datasheet HTML 7Page - Monolithic Power Systems MP2214 Datasheet HTML 8Page - Monolithic Power Systems MP2214 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP2214 – 16V, 4A, 600kHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2214 Rev. 0.9
www.MonolithicPower.com
2
9/1/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PACKAGE REFERENCE
PIN 1 ID
EXPOSED PAD
ON BACKSIDE
CONNECT TO GND
14
13
12
11
10
9
8
FB
EN/SYNC
PGND
SW
IN
POK
VCC
AGND
N/C
PGND
SW
IN
N/C
BS
1
2
3
4
5
6
7
TOP VIEW
Part Number*
Package
Temperature
MP2214DL
QFN14
(3mm x 4mm)
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (e.g. MP2214DL–Z)
For RoHS Compliant Packaging, add suffix –LF
(e.g. MP2214DL–LF–Z)
ABSOLUTE MAXIMUM RATINGS (1)
IN to GND ....................................–0.3V to +18V
SW to GND .......................... –0.3V to VIN + 0.3V
...................................-3V to VIN + 3V for < 50ns
FB, EN/SYNC, VCC to GND.......... –0.3V to +6.5V
BS to SW ....................................–0.3V to +6.5V
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature...............–65°C to +150°C
FB
GND
IN
BS
EN/SYNC
SW
SW
VCC
1
2
3
4
8
7
6
5
TOP VIEW
EXPOSED PAD
ON BACKSIDE
CONNECT TO GND
Part Number*
Package
Temperature
MP2214ADN
SOIC8E
–40
°C to +85°C
** For Tape & Reel, add suffix –Z (e.g. MP2214ADN–Z)
For RoHS Compliant Packaging, add suffix –LF
(e.g. MP2214ADN–LF–Z)
Recommended Operating Conditions
(2)
Supply Voltage VIN.............................. 3V to 16V
Bias Voltage VCC................................... 3V to 6V
Output Voltage VOUT ................. 0.8V to 0.9 x VIN
Operating Temperature .............–40°C to +85°C
Thermal Resistance
(3)
θJA
θJC
SOIC8E .................................. 50 ...... 10...
°C/W
QFN14 (3mm x 4mm)............. 48 ...... 10...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz copper.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com