Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2270DH Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2270DH
Description  1.8A, 24V, 700kHz Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2270DH Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2270DH Datasheet HTML 1Page - Monolithic Power Systems MP2270DH Datasheet HTML 2Page - Monolithic Power Systems MP2270DH Datasheet HTML 3Page - Monolithic Power Systems MP2270DH Datasheet HTML 4Page - Monolithic Power Systems MP2270DH Datasheet HTML 5Page - Monolithic Power Systems MP2270DH Datasheet HTML 6Page - Monolithic Power Systems MP2270DH Datasheet HTML 7Page - Monolithic Power Systems MP2270DH Datasheet HTML 8Page - Monolithic Power Systems MP2270DH Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MP2270 – 1.8A, 24V, 700KHz STEP-DOWN CONVERTER
MP2270 Rev. 1.1
www.MonolithicPower.com
2
4/16/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP2270DH
MSOP10w/Exposed Pad
2270D
-40
°C to +85°C
* For Tape & Reel, add suffix –Z (e.g. MP2270DH–Z).
For RoHS Compliant packaging, add suffix –LF (e.g. MP2270DH–LF–Z)
PACKAGE REFERENCE
EXPOSED PAD
ON BACKSIDE
Connect to GND
BST
N/C
SW
N/C
IN
1
2
3
4
5
10
9
8
7
6
FB
N/C
GND
N/C
EN
TOP VIEW
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage VIN ....................................... 26V
VSW........................................-0.3V to VIN + 0.3V
VBS ....................................................... VSW + 6V
All Other Pins..................................-0.3V to +6V
Continuous Power Dissipation (TA = +25°C)
(2)
………………………………………………....2.3W
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature............... -65
°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VIN ...........................4.5V to 24V
Operating Junct. Temp (TJ)...... -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
MSOP10 w/Exposed Pad .......55 ...... 12 ...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com