Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV321M5 Datasheet(PDF) 11 Page - Texas Instruments

Part # LPV321M5
Description  LPV321-N Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power,
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV321M5 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LPV321M5 Datasheet HTML 7Page - Texas Instruments LPV321M5 Datasheet HTML 8Page - Texas Instruments LPV321M5 Datasheet HTML 9Page - Texas Instruments LPV321M5 Datasheet HTML 10Page - Texas Instruments LPV321M5 Datasheet HTML 11Page - Texas Instruments LPV321M5 Datasheet HTML 12Page - Texas Instruments LPV321M5 Datasheet HTML 13Page - Texas Instruments LPV321M5 Datasheet HTML 14Page - Texas Instruments LPV321M5 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LPV321, LPV324-N, LPV358-N
www.ti.com
SNOS413D – AUGUST 2000 – REVISED MARCH 2013
APPLICATION INFORMATION
Benefits of the LPV321-N/358/324
Size
The small footprints of the LPV321-N/358/324 packages save space on printed circuit boards, and enable the
design of smaller electronic products, such as cellular phones, pagers, or other portable systems. The low profile
of the LPV321-N/358/324 make them possible to use in PCMCIA type III cards.
Signal Integrity
Signals can pick up noise between the signal source and the amplifier. By using a physically smaller amplifier
package, the LPV321-N/358/324 can be placed closer to the signal source, reducing noise pickup and increasing
signal integrity.
Simplified Board Layout
These products help you to avoid using long pc traces in your pc board layout. This means that no additional
components, such as capacitors and resistors, are needed to filter out the unwanted signals due to the
interference between the long pc traces.
Low Supply Current
These devices will help you to maximize battery life. They are ideal for battery powered systems.
Low Supply Voltage
TI provides ensured performance at 2.7V and 5V. These specifications ensure operation throughout the battery
lifetime.
Rail-to-Rail Output
Rail-to-rail output swing provides maximum possible dynamic range at the output. This is particularly important
when operating on low supply voltages.
Input Includes Ground
Allows direct sensing near GND in single supply operation.
The differential input voltage may be larger than V+ without damaging the device. Protection should be provided
to prevent the input voltages from going negative more than
−0.3V (at 25°C). An input clamp diode with a resistor
to the IC input terminal can be used.
Capacitive Load Tolerance
The LPV321-N/358/324 can directly drive 200 pF in unity-gain without oscillation. The unity-gain follower is the
most sensitive configuration to capacitive loading. Direct capacitive loading reduces the phase margin of
amplifiers. The combination of the amplifier's output impedance and the capacitive load induces phase lag. This
results in either an underdamped pulse response or oscillation. To drive a heavier capacitive load, circuit in
Figure 40 can be used.
Figure 40. Indirectly Driving A Capacitive Load Using Resistive Isolation
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LPV321 LPV324-N LPV358-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com