Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV321M7 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LPV321M7
Description  LPV321-N Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV321M7 Datasheet(HTML) 1 Page - Texas Instruments

  LPV321M7 Datasheet HTML 1Page - Texas Instruments LPV321M7 Datasheet HTML 2Page - Texas Instruments LPV321M7 Datasheet HTML 3Page - Texas Instruments LPV321M7 Datasheet HTML 4Page - Texas Instruments LPV321M7 Datasheet HTML 5Page - Texas Instruments LPV321M7 Datasheet HTML 6Page - Texas Instruments LPV321M7 Datasheet HTML 7Page - Texas Instruments LPV321M7 Datasheet HTML 8Page - Texas Instruments LPV321M7 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LPV321, LPV324-N, LPV358-N
www.ti.com
SNOS413D – AUGUST 2000 – REVISED MARCH 2013
LPV321-N Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power,
Rail-to-Rail Output Operational Amplifiers
Check for Samples: LPV321, LPV324-N, LPV358-N
1
FEATURES
DESCRIPTION
The LPV321-N/358/324 are low power (9 µA per
2
(For V+ = 5V and V− = 0V, Typical Unless
channel at 5.0V) versions of the LMV321/358/324 op
Otherwise Noted)
amps. This is another addition to the LMV321-
•
Ensured 2.7V and 5V Performance
N/358/324 family of commodity op amps.
•
No Crossover Distortion
The LPV321-N/358/324 are the most cost effective
•
Space Saving Package
solutions for the applications where low voltage, low
power operation, space saving and low price are
–
5-Pin SC70 2.0x2.1x1.0 mm
needed.
The
LPV321-N/358/324
have
rail-to-rail
•
Industrial Temperature Range,
−40°C to +85°C
output swing capability and the input common-mode
•
Gain-Bandwidth Product, 152 kHz
voltage range includes ground. They all exhibit
•
Low Supply Current
excellent speed-power ratio, achieving 5 kHz of
bandwidth with a supply current of only 9 µA.
–
LPV321-N, 9
μA
The LPV321-N is available in space saving 5-Pin
–
LPV358, 15
μA
SC70, which is approximately half the size of 5-Pin
–
LPV324, 28
μA
SOT-23. The small package saves space on PC
•
Rail-to-Rail Output Swing @ 100 k
Ω Load
boards, and enables the design of small portable
–
V+
−3.5 mV
electronic devices. It also allows the designer to place
the device closer to the signal source to reduce noise
–
V−+90 mV
pickup and increase signal integrity.
•
VCM, −0.2V to V
+−0.8V
The
chips
are
built
with
Texas
Instruments's
advanced submicron silicon-gate BiCMOS process.
APPLICATIONS
The LPV321-N/358/324 have bipolar input and output
•
Active Filters
stages for improved noise performance and higher
•
General Purpose Low Voltage Applications
output current drive.
•
General Purpose Portable Devices
Connection Diagram
Top View
Top View
Top View
Figure 1. 5-Pin SC70 and SOT-23
Figure 2. 8-Pin SOIC and VSSOP
Figure 3. 14-Pin SOIC and TSSOP
Packages
Packages
Packages
See Package Numbers
See Package Numbers D0008A
See Package Numbers D0014A
DCK0005A and DBV0005A
and DGK0008A
and PW0014A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LPV321M7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPV321M7 NSC-LPV321M7 Datasheet
715Kb / 21P
General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers
logo
Texas Instruments
LPV321M7 TI1-LPV321M7 Datasheet
1Mb / 22P
Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers
LPV321M7 TI1-LPV321M7 Datasheet
1Mb / 28P
LPV321-N Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power,
LPV321M7 TI1-LPV321M7 Datasheet
1Mb / 28P
LPV321-N Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power,
LPV321M7 TI1-LPV321M7 Datasheet
1Mb / 30P
Rail-to-Rail Output Operational Amplifiers
More results

Similar Description - LPV321M7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LPV321 TI-LPV321 Datasheet
430Kb / 17P
GENERAL-PURPOSE, LOW-VOLTAGE, LOW-POWER,RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
LPV321 TI-LPV321_07 Datasheet
685Kb / 23P
GENERAL-PURPOSE, LOW-VOLTAGE, LOW-POWER,RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI1-LMV321 Datasheet
1Mb / 30P
Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
LPV321 TI1-LPV321 Datasheet
1Mb / 22P
Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers
LMV324MTX-NOPB TI1-LMV324MTX-NOPB Datasheet
2Mb / 44P
Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
LPV324M TI1-LPV324M Datasheet
1Mb / 28P
LPV321-N Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power,
LPV358M TI1-LPV358M Datasheet
1Mb / 28P
LPV321-N Single/LPV358 Dual/LPV324 Quad General Purpose, Low Voltage, Low Power,
logo
National Semiconductor ...
LMV321-N NSC-LMV321-N Datasheet
2Mb / 45P
Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
LPV321 NSC-LPV321_14 Datasheet
1Mb / 28P
Quad General Purpose, Low Voltage, Low Power,Rail-to-Rail Output Operational Amplifiers
logo
Texas Instruments
LPV321 TI1-LPV321_16 Datasheet
1Mb / 30P
Quad General Purpose, Low Voltage, Low Power Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com