Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO-252 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # TO-252
Description  Three-terminal positive voltage regulator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

TO-252 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  TO-252 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WEJ
ELECTRONIC
CO.,LTD
2
C0
0.1µF
WEJ78M05 Three-terminal positive voltage regulator
FEATURES
Maximum Output current
IOM:
0.5
A
Output voltage
Vo:
5
V
ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies unless otherwise specified)
Parameter
Symbol
Value
Unlts
Input Voltage
V i
7~25
V
Storage Temperature Range
Tstg
-85 to 150
℃
ELECTRICAL CHARACTERISTICS (Vi=10V,Io=350mA,0
℃<Tj<125℃,C1=0.33µF,Co=0.1µF, unless otherwise specified )
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Tj=25
℃
4.8
5.0
5.2
V
Output voltage
Vo
7V
≤V i≤20V, Io=5mA~350mA
4.75
5
5.25
V
Tj=25
℃, Io=5mA~500mA
100
mV
Load Regulation
∆Vo
Tj=25
℃, Io=5mA~200mA
50
mV
7V
≤V i≤25V, Io=200mA ,Tj=25
℃
100
mV
Line regulation
∆Vo
8V
≤V i≤25V, Io=200mA ,Tj=25
℃
50
mV
Quiescent Current
Iq
Tj=25
℃
6
mA
∆Iq
8V
≤V i≤25V, Io=200mA
0.8
mA
Quiescent Current Change
∆Iq
5mA
≤I O≤350mA
0.5
mA
Output Noise VoItage
VN
10Hz
≤f≤100KHz, Tj=25
℃
40
µV
Dropout Voltage
Vd
Tj=25
℃
0.7
V
TYPICAL APPLICATION
vi
1
3
Vo
UTC
Ci
0.33µF
Note: Bypass capacitors are recommended for optimum stability and transient response and should be located as close as
Possible to the regulators.
78M05
TO-252
1. INPUT
2. GND
3. OUTPUT
1
2 3
WEJ78M05
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - TO-252

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TO-252 ETC-TO-252 Datasheet
6Kb / 1P
TO-252 (MP-3Z)
TO-252 ETC-TO-252 Datasheet
109Kb / 6P
3.0 AMP POSITIVE VOLTAGE REGULATOR
logo
Analog Microelectronics
TO-252 AME-TO-252 Datasheet
47Kb / 1P
Carrier Width (W) 16.0-0.1 mm Pitch (P) 4.0-0.1 mm
logo
SHENZHEN YONGERJIA INDU...
TO-252 WINNERJOIN-TO-252 Datasheet
133Kb / 1P
TRANSISTOR (PNP)
logo
Continental Device Indi...
TO-252 CDIL-TO-252 Datasheet
240Kb / 5P
TO-252 (DPAK) SMD Plastic Package
More results

Similar Description - TO-252

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CJ78L06 ETC-CJ78L06 Datasheet
548Kb / 1P
THREE TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Guangdong Kexin Industr...
LM78L10 KEXIN-LM78L10 Datasheet
55Kb / 2P
Three-Terminal Positive Voltage Regulator
LM78L05 KEXIN-LM78L05 Datasheet
55Kb / 2P
Three-Terminal Positive Voltage Regulator
78M12 KEXIN-78M12 Datasheet
179Kb / 1P
Three-terminal Positive Voltage Regulator
LM78M06 KEXIN-LM78M06 Datasheet
54Kb / 2P
Three-Terminal Positive Voltage Regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ7815 WINNERJOIN-WEJ7815 Datasheet
162Kb / 1P
Three-terminal positive voltage regulator
WEJ78L15-TO-92 WINNERJOIN-WEJ78L15-TO-92 Datasheet
164Kb / 1P
Three-terminal positive voltage regulator
WEJ78L06-TO-92 WINNERJOIN-WEJ78L06-TO-92 Datasheet
142Kb / 1P
Three-terminal positive voltage regulator
logo
Shenzhen Luguang Electr...
LGE78D05 LUGUANG-LGE78D05 Datasheet
263Kb / 2P
Three-terminal positive voltage regulator
78L05 LUGUANG-78L05 Datasheet
307Kb / 3P
Three-terminal positive voltage regulator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com