Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL12P6F6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STL12P6F6
Description  P-channel 60 V, 0.13 typ., 3 A STripFET VI DeepGATE Power MOSFET in a PowerFLAT 5x6 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL12P6F6 Datasheet(HTML) 3 Page - STMicroelectronics

  STL12P6F6 Datasheet HTML 1Page - STMicroelectronics STL12P6F6 Datasheet HTML 2Page - STMicroelectronics STL12P6F6 Datasheet HTML 3Page - STMicroelectronics STL12P6F6 Datasheet HTML 4Page - STMicroelectronics STL12P6F6 Datasheet HTML 5Page - STMicroelectronics STL12P6F6 Datasheet HTML 6Page - STMicroelectronics STL12P6F6 Datasheet HTML 7Page - STMicroelectronics STL12P6F6 Datasheet HTML 8Page - STMicroelectronics STL12P6F6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DocID024400 Rev 1
3/13
STL12P6F6
Electrical ratings
1
Electrical ratings
Note:
For the P-channel Power MOSFET actual polarity of voltages and current has to be
reversed.
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DS
Drain-source voltage
60
V
V
GS
Gate-source voltage
± 20
V
I
D
(1)
1.
The value is according to
R
thj-case
Drain current (continuous) at T
C
= 25 °C
4
A
I
D
(1)
Drain current (continuous) at T
C
= 100 °C
7
A
I
D
(2)
2.
The value is according to
R
thj-pcb
Drain current (continuous) at T
pcb
= 25 °C
12
A
I
D
(2)
Drain current (continuous) at T
pcb
= 100 °C
7
A
I
DM
(2)(3)
3.
Pulse width is limited by safe operating area.
Drain current (pulsed)
48
A
P
TOT
Total dissipation at T
C
= 25 °C
75
W
P
TOT
Total dissipation at T
pcb
= 25 °C
4.8
W
T
j
P
stg
Operating junction temperature
Storage temperature
-55 to 175
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
R
thj-case
Thermal resistance junction-case max
2
°C/W
R
thj-pcb
(1)
1.
When mounted on FR-4 board of 15 mm
2
, 2 Oz Cu, t<10 sec
Thermal resistance junction-pcb max
31.3
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com