Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS610LSA Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ATS610LSA
Description  DYNAMIC, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS610LSA Datasheet(HTML) 4 Page - Allegro MicroSystems

  ATS610LSA Datasheet HTML 1Page - Allegro MicroSystems ATS610LSA Datasheet HTML 2Page - Allegro MicroSystems ATS610LSA Datasheet HTML 3Page - Allegro MicroSystems ATS610LSA Datasheet HTML 4Page - Allegro MicroSystems ATS610LSA Datasheet HTML 5Page - Allegro MicroSystems ATS610LSA Datasheet HTML 6Page - Allegro MicroSystems ATS610LSA Datasheet HTML 7Page - Allegro MicroSystems ATS610LSA Datasheet HTML 8Page - Allegro MicroSystems ATS610LSA Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ATS610LSA AND ATS611LSB
DYNAMIC, PEAK-DETECTING,
DIFFERENTIAL HALL-EFFECT
GEAR-TOOTH SENSORS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
4
ATS610LSA OPERATION over operating voltage and temperature range with reference target
(unless otherwise specified).
ATS611LSB OPERATION over operating voltage and temperature range with reference target
(unless otherwise specified).
* The one-tooth (180
°) target is not recommended for use with the ATS611LSB.
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Air Gap Range
AG
Operating,
0.4
–
2.25
mm
Target Speed > 20 RPM
Minimum Air Gap
AGmin
Operating, One-Tooth (180
°)
–
0.25
–
mm
Target, Target Speed = 1000 RPM
Maximum Air Gap
AGmax
Operating, One-Tooth (180
°)
–
2.75
–
mm
Target, Target Speed = 1000 RPM
Timing Accuracy
tθ
Target Speed = 1000 RPM,
–
±0.5
±1.0
°
0.4 mm
≤ AG ≤ 2 mm
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Air Gap Range
AG
Operating,
0.4
–
2.5
mm
Target Speed > 20 RPM
Minimum Air Gap
AGmin
Operating, One-Tooth (180
°)
–
0.75
–
mm
Target*, Target Speed = 1000 RPM
Maximum Air Gap
AGmax
Operating, One-Tooth (180
°)
–
3.25
–
mm
Target*, Target Speed = 1000 RPM
Timing Accuracy
tθ
Target Speed = 1000 RPM,
–
±0.5
±1.0
°
0.4 mm
≤ AG ≤ 2 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com