Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS30011 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TS30011
Description  High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TS30011 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TS30011 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS30011 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS30011 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS30011 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS30011 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS30011 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS30011 Datasheet HTML 9Page - List of Unclassifed Manufacturers TS30011 Datasheet HTML 10Page - List of Unclassifed Manufacturers TS30011 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
- 7 -
TS30011/12/13
Version 1.6
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2012, Triune Systems, LLC
FUNCTIONAL DESCRIPTION
The TS30011/12/13 current-mode synchronous step-down power supply product is ideal for use in the commercial, industrial,
and automotive market segments. It includes flexibility to be used for a wide range of output voltages and is optimized for high
efficiency power conversion with low RDSON integrated synchronous switches. A 1MHz internal switching frequency facilitates
low cost LC filter combinations. Additionally, the fixed output versions enable a minimum external component count to provide
a complete regulation solution with only 4 external components: an input bypass capacitor, an inductor, an output capacitor,
and the bootstrap capacitor. The regulator automatically transitions between PFM and PWM mode to maximize efficiency for
the load demand.
The TS30011/12/13 was designed to provide these system benefits:
Reduced board real estate
Lower system cost
o
Lower cost inductor
o
Low external parts count
Ease of design
o
Bill of Materials and suggested board layout provided
o
Power Good output
o
Integrated compensation network
o
Wide input voltage range
Robust solution
o
Over current, over voltage and over temperature protection
DETAILED PIN DESCRIPTION
Unregulated input, VCC
This terminal is the unregulated input voltage source for the IC. It is recommended that a 10uF bypass capacitor be placed
close to the device for best performance. Since this is the main supply for the IC, good layout practices need to be followed for
this connection.
Bootstrap control, BST
This terminal will provide the bootstrap voltage required for the upper internal NMOS switch of the buck regulator. An external
ceramic capacitor placed between the BST input terminal and the VSW pin will provide the necessary voltage for the upper
switch. In normal operation the capacitor is re-charged on every low side synchronous switching action. In the case of where
the switch mode approaches 100% duty cycle for the high side FET, the device will automatically reduce the duty cycle switch
to a minimum off time on every 8th cycle to allow this capacitor to re-charge.
Sense feedback, FB
This is the input terminal for the output voltage feedback.
For the fixed mode versions, this should be hooked directly to VOUT. The connection on the PCB should be kept as short as
possible, and should be made as close as possible to the capacitor. The trace should not be shared with any other connection.
(Figure 23)
For adjustable mode versions, this should be connected to the external resistor divider. To choose the resistors, use the
following equation:
VOUT = 0.9 (1 + RTOP/RBOT)
The input to the FB pin is high impedance, and input current should be less than 100nA. As a result, good layout practices are
required for the feedback resistors and feedback traces. When using the adjustable version, the feedback trace should be kept
as short as possible and minimum width to reduce stray capacitance and to reduce the injection of noise.
For the adjustable version, the ratio of VCC/Vout cannot exceed 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com