Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS33000 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TS33000
Description  High Efficiency Synchronous DC/DC Buck Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TS33000 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TS33000 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS33000 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS33000 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS33000 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS33000 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS33000 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS33000 Datasheet HTML 9Page - List of Unclassifed Manufacturers TS33000 Datasheet HTML 10Page - List of Unclassifed Manufacturers TS33000 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
- 7 -
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2012, Triune Systems, LLC
TS33000
Version 1.4
FUNCTIONAL DESCRIPTION
This voltage-mode Point of Load (POL) synchronous step-down power supply product can be used in the consumer, industrial,
and automotive market segments. It includes flexibility to be used for a wide range of output voltages and is optimized for high
efficiency power conversion with low RDSON integrated synchronous switches. A 2.25MHz internal switching frequency
facilitates low cost LC filter combinations and improved transient response. Additionally, the fixed output version, with
integrated Power on Reset and Fault circuitry enables a minimal external component count to provide a complete power
supply solution for a variety of applications.
DETAILED PIN DESCRIPTION
Unregulated input, VCC
This terminal is the unregulated input voltage source for the IC. It is recommended that 2 4.7uF bypass capacitors be placed
close as possible to the VCC pins for best performance. Since this is the main supply for the IC, good layout practices need to
be followed for this connection.
Feedback, FB
This is the voltage feedback input terminal for the adjustable version. For the fixed mode versions, this pin should be left
floating and not connected.
The connection on the PCB should be kept as short as possible from the feedback resistors, kept away from the VSW
connections or other switching/high frequency nodes, and should not be shared with any other connection. This should
minimize stray coupling, reduce noise injection, and minimize voltage shift cause by output load.
To choose the resistors for the adjustable version, use the following equation:
VOUT = 0.6 (1 + RTOP/RBOT)
For stability, RTOP should be 270K Ohms to 330K Ohms.
Output Voltage Sense, VOUT Sense
This is the input terminal for the voltage output feedback and is needed for both adjustable and fixed voltage versions. This
should be connected to the main output capacitor, and the same good layout practices should be followed as for the FB
connection. Keep this line as short as possible, keep it away from the VSW and other switching or high frequency traces,
and do not share this connection with any other connection on the PCB.
Switching output, VSW
This is the switching node of the regulator. It should be connected directly to the 1.5uH inductor with a wide, short trace. It
is switching between VCC and PGND at the switching frequency.
Ground, GND
This ground is used for the majority of the device including the analog reference, control loop, and other circuits.
Power Ground, PGND
This is a separate ground connection used for the low side synchronous FET to isolate switching noise from the rest of the
device.
Enable, EN
This is an input terminal to activate the entire device. This will enable the internal reference, oscillator, TSD, etc, and allow
the fault detection circuitry to work correctly. Notice that the EN needs to low for the part to exhibit 100nA quiescent
current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com