Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS51111 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TS51111
Description  High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TS51111 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TS51111 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS51111 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS51111 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS51111 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS51111 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS51111 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS51111 Datasheet HTML 9Page - List of Unclassifed Manufacturers TS51111 Datasheet HTML 10Page - List of Unclassifed Manufacturers TS51111 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
- 7 -
TS51111
Version 2.1
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2012, Triune Systems, LLC
Triune Systems Proprietary and Confidential Information
ABSOLUTE MAXIMUM RATINGS
Over operating free–air temperature range unless otherwise noted(1,2,3)
VALUE
UNIT
VAC1, VAC2, PDC, MOD1, MOD2, OVP
-0.3 to 22
V
BST1, BST2
-0.3 to (VAC + 5.5)
V
VCORE, TX, RX, UART, PACKP, SCL, SDA, VAC_DET, VREF, AMUX, VCORE, USB
-0.3 to 5.5
V
Operating Junction Temperature Range, TJ
-40 to 125
C
Storage Temperature Range, TSTG
-65 to 150
C
Electrostatic Discharge – Human Body Model
±2k
V
Electrostatic Discharge – Machine Model
+/-200
V
Lead Temperature (soldering, 10 seconds)
260
C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute–maximum–rated conditions for extended periods may affect device reliability.
(2) All voltage values are with respect to network ground terminal.
(3) ESD testing is performed according to the respective JESD22 JEDEC standard.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
VACpp
Input Operating Voltage
20
V
FVAC
Input Operating Frequency
100
210
kHz
PACKP
Battery input when externally driven
2.5
5.5
V
LIN
Inductor (measured on charging mat)
14*
uH
CR
Parallel resonant capacitor
1.8*
nF
CS
Series resonant capacitor
183*
nF
CO
Modulation capacitors
22
nF
COUT
Output capacitor
0.8
1
uF
CCORE
LDO decoupling capacitor
8
10
uF
CB1, CB2
Rectifier boost capacitors
200
220
240
nF
CIN
Synchronous rectifier / PDC decoupling capacitor
10
20
uF
CAMUX
Analog mux decoupling capacitor
1
2
nF
CREF
VREF decoupling capacitor
80
100
120
nF
TA
Operating Free Air Temperature
-40
85
C
TJ
Operating Junction Temperature
-40
125
C
* Exact values of the resonant capacitors and inductor will depend on the specific system configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com