Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS52001 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # TS52001
Description  High Efficiency Li-Ion Battery Charger for Photovoltaic Sources
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TS52001 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button TS52001 Datasheet HTML 9Page - List of Unclassifed Manufacturers TS52001 Datasheet HTML 10Page - List of Unclassifed Manufacturers TS52001 Datasheet HTML 11Page - List of Unclassifed Manufacturers TS52001 Datasheet HTML 12Page - List of Unclassifed Manufacturers TS52001 Datasheet HTML 13Page - List of Unclassifed Manufacturers TS52001 Datasheet HTML 14Page - List of Unclassifed Manufacturers TS52001 Datasheet HTML 15Page - List of Unclassifed Manufacturers TS52001 Datasheet HTML 16Page - List of Unclassifed Manufacturers TS52001 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
- 13 -
TS52001
Version 1.3
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2011, Triune Systems, LLC
CONFIGURATION REGISTER (CONFIG1)
Address – 0x02h
DATA BIT
D7
D6
D5
D4
D3
D2
D1
D0
FIELD NAME
PRE_CHRG[1:0]
V_TERM_0_10[2:0]
V_TERM_10_45[2:0]
READ/WRITE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
FIELD NAME
BIT DEFINITION
PRE_CHRG[1:0](1)
Pre-Charging configuration
00 – 50 mA
01 – 100 mA
10 – 185 mA
11 – 370 mA
V_TERM_0_10[2:0](2)
Voltage Termination 0-10°C configuration
000 – 3.94 V
001 – 4.00 V
010 – 4.05 V
011 – 4.10 V
100 – 4.12 V
101 – 4.15 V
110 – 4.18 V
111 – Invalid Setting
V_TERM_10_45[2:0](2)
Voltage Termination 10-45°C configuration
000 – 3.94 V
001 – 4.00 V
010 – 4.05 V
011 – 4.10 V
100 – 4.12 V
101 – 4.15 V
110 – 4.18 V
111 – Invalid Setting
(1) PRE_CHRG Note: Maximum output current when VBAT < 3.0 V.
(2) V_TERM Note: Unique settings available for battery temperatures 0-10°C, 10-45°C, 45-50°C, and 50-60°C. For <0°C and
>60°C, charging is disabled and a fault is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com