Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS61001 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TS61001
Description  High Efficiency Receiver Controller for Wireless Power Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TS61001 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  TS61001 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS61001 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS61001 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS61001 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS61001 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS61001 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS61001 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS61001 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
- 7 -
TS81000
Version 1.2
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2013, Triune Systems, LLC
Triune Systems Proprietary and Confidential Information
DO NOT DUPLICATE
ORDERING INFORMATION
Device Part Number
Description
TS81000-5YA0010QFN
5W indirect charge Rx (5V @ 1A)
TS81000-2Y00060QFN
10W 12V indirect charge Rx (12V/800mA)
TS81000-8Y00060QFN
10W 8V indirect charge Rx (8V/625mA)
TS81000-2YB0020QFN
10W indirect charge Rx (5V/2A with buck)
TS81000-9PA0030QFN
20W 19V indirect charge Rx (IR)
ROHS AND REACH COMPLIANCE
Triune Systems is fully committed to environmental quality. All Triune Systems
materials and suppliers are fully compliant with RoHS (European Union Directive
2011/65/EU), REACH SVHC Chemical Restrictions (EC 1907/2006), IPC-1752 Level
3 materials declarations, and their subsequent amendments. Triune Systems
maintains certified laboratory reports for all product materials, from all suppliers,
which show full compliance to restrictions on the following:
 Cadmium (Cd)
 Chlorofluorocarbons (CFCs)
 Chlorinate Hydrocarbons (CHCs)
 Halons (Halogen free)
 Hexavalent Chromium (CrVI)
 Hydrobromofluorocarbons (HBFCs)
 Hydrochlorofluorocarbons (HCFCs)
 Lead (Pb)
 Mercury (Hg)
 Perfluorocarbons (PFCs)
 Polybrominated biphenyls (PBB)
 Polybrominated Diphenyl Ethers (PBDEs)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com