Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS610LSC Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # ATS610LSC
Description  ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS610LSC Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button ATS610LSC Datasheet HTML 2Page - Allegro MicroSystems ATS610LSC Datasheet HTML 3Page - Allegro MicroSystems ATS610LSC Datasheet HTML 4Page - Allegro MicroSystems ATS610LSC Datasheet HTML 5Page - Allegro MicroSystems ATS610LSC Datasheet HTML 6Page - Allegro MicroSystems ATS610LSC Datasheet HTML 7Page - Allegro MicroSystems ATS610LSC Datasheet HTML 8Page - Allegro MicroSystems ATS610LSC Datasheet HTML 9Page - Allegro MicroSystems ATS610LSC Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ATS632LSC
HALL-EFFECT
GEAR-TOOTH SENSOR
SUBASSEMBLY
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
TYPICAL OPERATING CHARACTERISTICS — Continued
51.0
49.5
0
1.0
1.75
AIR GAP IN MILLIMETERS
Dwg. GH-008-11
0.5
1.5
50.5
50.0
48.5
48.0
49.0
0.25
0.75
1.25
-40
°C
+25
°C
+150
°C
TARGET #1
+3
+1
-1
1000
3000
5000
7000
2000
4000
6000
-3
REFERENCE TARGET SPEED IN RPM
Dwg. GH-064-3
+2
0
-2
0
RISING EDGE
0.5 mm
1.0 mm
1.5 mm
2.0 mm
AIR GAPS
51.0
49.5
0
1.0
1.75
AIR GAP IN MILLIMETERS
Dwg. GH-008-12
0.5
1.5
50.5
50.0
48.5
48.0
49.0
-40
°C
+25
°C
+150
°C
0.25
0.75
1.25
TARGET #2
+3
+1
-1
1000
3000
5000
7000
2000
4000
6000
-3
REFERENCE TARGET SPEED IN RPM
Dwg. GH-064-4
+2
0
-2
0
FALLING EDGE
0.5 mm
1.0 mm
1.5 mm
2.0 mm
AIR GAPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com