Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2371DG Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2371DG
Description  1.8A, 24V, 700KHz Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2371DG Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2371DG Datasheet HTML 1Page - Monolithic Power Systems MP2371DG Datasheet HTML 2Page - Monolithic Power Systems MP2371DG Datasheet HTML 3Page - Monolithic Power Systems MP2371DG Datasheet HTML 4Page - Monolithic Power Systems MP2371DG Datasheet HTML 5Page - Monolithic Power Systems MP2371DG Datasheet HTML 6Page - Monolithic Power Systems MP2371DG Datasheet HTML 7Page - Monolithic Power Systems MP2371DG Datasheet HTML 8Page - Monolithic Power Systems MP2371DG Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MP2371 – 1.8A, 24V, 700KHz STEP-DOWN CONVERTER
MP2371 Rev. 1.0
www.MonolithicPower.com
2
5/26/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
PACKAGE REFERENCE
Part Number*
Package
Temperature
MP2371DG
2x2 QFN8
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP2371DG–Z)
For RoHS compliant packaging, add suffix –LF (eg.
MP2371DG–LF–Z)
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage VIN....................................... 26V
VSW....................................... –0.3V to VIN + 0.3V
VBS ....................................................... VSW + 6V
All Other Pins................................. –0.3V to +6V
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature ..............–65
°C to +150°C
Recommended Operating Conditions
(2)
Supply Voltage VIN........................... 4.5V to 24V
Output Voltage VOUT ...................... 0.81V to 15V
Operating Temperature .............–40
°C to +85°C
Thermal Resistance
(3)
θJA
θJC
2x2 QFN8 ............................... 80 ...... 16...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = +25°C, unless otherwise noted.
Parameters
Symbol Condition
Min
Typ
Max
Units
Feedback Voltage
VFB
4.5V
≤ VIN ≤ 24V
0.790
0.810
0.830
V
Feedback Current
IFB
VFB = 0.8V
10
nA
Switch On-Resistance
(4)
RDS(ON)
0.3
Ω
Switch Leakage
VEN = 0V, VSW = 0V
0
10
µA
Current Limit
(4)
Duty Cycle = 40%
2.0
2.5
A
Oscillator Frequency
fSW
VFB = 0.6V
700
KHz
Fold-back Frequency
VFB = 0V
230
KHz
Maximum Duty Cycle
VFB = 0.6V
87
%
Minimum On-Time
(4)
tON
100
ns
Under-Voltage Lockout Threshold Rising
2.5
2.8
3.1
V
Under-Voltage Lockout Threshold Hysteresis
150
mV
EN Input Low Voltage
0.4
V
EN Input High Voltage
1.5
V
VEN = 2V
2.1
EN Input Current
VEN = 0V
0.01
µA
Supply Current (Shutdown)
VEN = 0V
0.1
1.0
µA
Supply Current (Quiescent)
VEN = 2V, VFB = 1V
0.8
1.0
mA
Thermal Shutdown
(4)
150
°C
Note:
4) Guaranteed by design.
QFN8
(2mm x 2mm)
TOP VIEW
NC
SW
IN
EN
1
2
3
4
NC
BST
GND
FB
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com