Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2372DN Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2372DN
Description  3A, 28V, 925KHz Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2372DN Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2372DN Datasheet HTML 5Page - Monolithic Power Systems MP2372DN Datasheet HTML 6Page - Monolithic Power Systems MP2372DN Datasheet HTML 7Page - Monolithic Power Systems MP2372DN Datasheet HTML 8Page - Monolithic Power Systems MP2372DN Datasheet HTML 9Page - Monolithic Power Systems MP2372DN Datasheet HTML 10Page - Monolithic Power Systems MP2372DN Datasheet HTML 11Page - Monolithic Power Systems MP2372DN Datasheet HTML 12Page - Monolithic Power Systems MP2372DN Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
MP2372 – 3A, 28V, 925KHZ STEP-DOWN CONVERTER
MP2372 Rev. 0.92
www.MonolithicPower.com
12
12/22/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
INPUT
4.5V to 28V
OUTPUT
2.5V
3A
C6
OPEN
D1
B330A
MP2372
BS
IN
FB
SW
SS
GND
COMP
EN
1
3
5
6
4
8
7
2
OPEN = AUTOMATIC
STARTUP
Figure 5—2.5V Output Typical Application Schematic
INPUT
4.5V to 28V
OUTPUT
3.3V
3A
C3
5.6nF
C6
OPEN
D1
B330A
C5
10nF
MP2372
BS
IN
FB
SW
SS
GND
COMP
EN
1
3
5
6
4
8
7
2
OPEN = AUTOMATIC
STARTUP
Figure 6—3.3V Output Typical Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com