Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2377 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2377
Description  3A, 21V, 600kHz Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2377 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2377 Datasheet HTML 1Page - Monolithic Power Systems MP2377 Datasheet HTML 2Page - Monolithic Power Systems MP2377 Datasheet HTML 3Page - Monolithic Power Systems MP2377 Datasheet HTML 4Page - Monolithic Power Systems MP2377 Datasheet HTML 5Page - Monolithic Power Systems MP2377 Datasheet HTML 6Page - Monolithic Power Systems MP2377 Datasheet HTML 7Page - Monolithic Power Systems MP2377 Datasheet HTML 8Page - Monolithic Power Systems MP2377 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MP2377 – 3A, 21V, 600KHz STEP-DOWN CONVERTER
MP2377 Rev. 0.92
www.MonolithicPower.com
5
4/19/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, VOUT = 3.3V, L = 3.3µH, TA = +25ºC, unless otherwise noted.
VOUT
2V/div.
VEN
5V/div.
VSW
10V/div.
I inductor
1A/div.
VOUT
2V/div.
VEN
5V/div.
VSW
10V/div.
I inductor
2A/div.
1ms/div.
VOUT
2V/div.
VSW
10V/div.
I inductor
2A/div.
2ms/div.
Load Transient
0.00 5.00 10.00 15.00 20.00 25.00
10% 20% 30% 40% 50% 60% 70%
INPUT VOLTAGE (V)
CYCLE DUTY (%)
Line Regulation
Peak Current vs Duty Cycle
1.00%
0.50%
0.00%
-0.50%
-1.00%
1.00%
0.50%
0.00%
-0.50%
-1.00%
8
6
4
2
0
0.00
1.00
2.00
3.00
LOAD CURRENT (A)
Load Regulation
VIN=5V, VOUT=3.3V
VIN=12V, VOUT=3.3V
VIN=23V VOUT=3.3V
IOUT=1.5A
VO/AC
50mV/div.
I_inductor
2A/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com