Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2403 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2403
Description  3A, 32V, 250kHz Integrated Synchronous Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2403 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2403 Datasheet HTML 2Page - Monolithic Power Systems MP2403 Datasheet HTML 3Page - Monolithic Power Systems MP2403 Datasheet HTML 4Page - Monolithic Power Systems MP2403 Datasheet HTML 5Page - Monolithic Power Systems MP2403 Datasheet HTML 6Page - Monolithic Power Systems MP2403 Datasheet HTML 7Page - Monolithic Power Systems MP2403 Datasheet HTML 8Page - Monolithic Power Systems MP2403 Datasheet HTML 9Page - Monolithic Power Systems MP2403 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MP2403 – 3A, 32V, 250kHz INTEGRATED SYNCHRONOUS STEP-DOWN CONVERTER
MP2403 Rev.1.0
www.MonolithicPower.com
6
4/20/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CURVES (continued)
VIN = 12V, VOUT = 3.3V, TA = +25°C, unless otherwise noted
VO
2V/div.
Iinductor
2A/div.
SW
10V/div.
10us/div.
Frequency Fold Back
With output short
VO
2V/div.
SW
10V/div.
Iinductor
2A/div.
100us/div.
VO
2V/div.
SW
10V/div.
Iinductor
5A/div.
40us/div.
VO
2V/div.
EN
5V/div.
Iinductor
2A/div.
SW
10V/div.
VO
2V/div.
EN
5V/div.
Iinductor
2A/div.
SW
10V/div.
2ms/div.
Enable Startup at No Load
Enable Shutdown at No Load
1s/div.
VO
2V/div.
EN
5V/div.
Iinductor
2A/div.
SW
10A/div.
VO
2V/div.
EN
5V/div.
Iinductor
2A/div.
SW
10A/div.
2ms/div.
Enable Startup at Full Load
Enable Shutdown at Full Load
40us/div.
VO
2V/div.
VIN
5V/div.
VIN
5V/div.
SW
10V/div.
Iincdutor
2A/div.
2ms/div.
Power Up at No Load
Short Circuit Entry
Short Circuit Recovery
RLOAD
2ms/div.
Power Up at Full Load
VO
2V/div.
Iinductor
2A/div.
SW
10A/div.
RLOAD = 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com