Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP52N06V Datasheet(PDF) 3 Page - Motorola, Inc

Part # MTP52N06V
Description  TMOS POWER FET 52 AMPERES 60 VOLTS RDS(on) = 0.022 OHM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP52N06V Datasheet(HTML) 3 Page - Motorola, Inc

  MTP52N06V Datasheet HTML 1Page - Motorola, Inc MTP52N06V Datasheet HTML 2Page - Motorola, Inc MTP52N06V Datasheet HTML 3Page - Motorola, Inc MTP52N06V Datasheet HTML 4Page - Motorola, Inc MTP52N06V Datasheet HTML 5Page - Motorola, Inc MTP52N06V Datasheet HTML 6Page - Motorola, Inc MTP52N06V Datasheet HTML 7Page - Motorola, Inc MTP52N06V Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MTP52N06V
3
Motorola TMOS Power MOSFET Transistor Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 1. On–Region Characteristics
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
ID, DRAIN CURRENT (AMPS)
Figure 3. On–Resistance versus Drain Current
and Temperature
ID, DRAIN CURRENT (AMPS)
Figure 4. On–Resistance versus Drain Current
and Gate Voltage
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On–Resistance Variation with
Temperature
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 6. Drain–To–Source Leakage
Current versus Voltage
TJ = 25°C
VGS = 10 V
9 V
8 V
7 V
6 V
5 V
100
80
60
40
20
0
2
0
7.5
7
5
3
2.5
VDS ≥ 10 V
TJ = – 55°C
100
°C
25
°C
VGS = 10 V
0.035
20
0
0.03
0
40
60
80
100
TJ = 100°C
25
°C
–55
°C
TJ = 25°C
0.023
0.015
5
VGS = 10 V
15 V
VGS = 10 V
ID = 26 A
1.75
1.5
1
0.5
0.25
– 50
– 25
0
25
50
75
100
125
150
VGS = 0 V
TJ = 125°C
1
0
1020
30405060
468
10
100
80
60
40
20
0
24
6
8
0.02
0.015
0.01
0.021
0.019
0.017
25
45
65
85
105
100
10
100
°C
175
2
110
90
70
50
30
10
13
57
9
90
70
50
30
10
110
3.5
4.5
5.5
6.5
0.025
0.005
30
10
50
70
90
110
0.022
0.020
0.018
0.016
15
35
55
75
95
1.25
0.75



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com