Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2452 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2452
Description  1A, 36V, 1MHz Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2452 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2452 Datasheet HTML 8Page - Monolithic Power Systems MP2452 Datasheet HTML 9Page - Monolithic Power Systems MP2452 Datasheet HTML 10Page - Monolithic Power Systems MP2452 Datasheet HTML 11Page - Monolithic Power Systems MP2452 Datasheet HTML 12Page - Monolithic Power Systems MP2452 Datasheet HTML 13Page - Monolithic Power Systems MP2452 Datasheet HTML 14Page - Monolithic Power Systems MP2452 Datasheet HTML 15Page - Monolithic Power Systems MP2452 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MP2452―1A, 36V, 1MHz, STEP-DOWN CONVERTER
MP2452 Rev. 1.0
www.MonolithicPower.com
12
9/27/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
Table 2—Inductor Selection Guide
Part Number
Inductance (µH)
Max DCR (Ω) Current Rating (A)
Dimensions
L x W x H (mm
3)
Wurth Electronics
744062003
3.3
0.032
2.8
6.8x6.8x2.3
7447789004
4.7
0.035
2.9
7.3x7.3x3.2
7447789006
6.8
0.044
2.5
7.3x7.3x3.2
744065100
10
0.053
3
10x10x2.8
744066150
15
0.05
3.2
10x10x3.8
TOKO
D73CB-#636CY-3R3M
3.3
0.035
2.26
7.6x7.6x3.5
DS75LC-B1047AS -4R7N
4.7
0.026
3.5
7.6x7.6x5.0
DS75LC-B1047AS-6R8N
6.8
0.036
2.9
7.6x7.6x5.0
DS75LC-B1047AS -100M
10
0.053
2.3
7.6x7.6x5.0
DS85LC-B1000AS-150M
15
0.077
2.1
8.4x8.3x5.0
Input Capacitor
The input capacitor (C1) can be electrolytic,
tantalum or ceramic. When using electrolytic or
tantalum capacitors, a small, high quality ceramic
capacitor, i.e. 0.1µF, should be placed as close
to the IC as possible. When using ceramic
capacitors, make sure that they have enough
capacitance to provide sufficient charge to
prevent excessive voltage ripple at input. The
input voltage ripple caused by capacitance can
be estimated by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
×
=
∆
IN
OUT
IN
OUT
S
LOAD
IN
V
V
1
V
V
1
C
f
I
V
Output Capacitor
The output capacitor (C2) is required to maintain
the DC output voltage. Ceramic, tantalum, or low
ESR electrolytic capacitors are recommended.
Low ESR capacitors are preferred to keep the
output voltage ripple low. The output voltage
ripple can be estimated by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
+
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
=
∆
2
C
f
8
1
R
V
V
1
L
f
V
V
S
ESR
IN
OUT
S
OUT
OUT
Where L is the inductor value and RESR is the
equivalent series resistance (ESR) value of the
output capacitor.
In the case of ceramic capacitors, the impedance
at the switching frequency is dominated by the
capacitance. The output voltage ripple is mainly
caused by the capacitance. For simplification, the
output voltage ripple can be estimated by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
×
×
=
IN
OUT
2
S
OUT
OUT
V
V
1
2
C
L
f
8
V
∆V
In the case of tantalum or electrolytic capacitors,
the ESR dominates the impedance at the
switching frequency. For simplification, the output
ripple can be approximated to:
ESR
IN
OUT
S
OUT
OUT
R
V
V
1
L
f
V
∆V
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
=
The characteristics of the output capacitor also
affect the stability of the regulation system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com