Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2467 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP2467
Description  2.5A, 36V, 500kHz Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2467 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP2467 Datasheet HTML 9Page - Monolithic Power Systems MP2467 Datasheet HTML 10Page - Monolithic Power Systems MP2467 Datasheet HTML 11Page - Monolithic Power Systems MP2467 Datasheet HTML 12Page - Monolithic Power Systems MP2467 Datasheet HTML 13Page - Monolithic Power Systems MP2467 Datasheet HTML 14Page - Monolithic Power Systems MP2467 Datasheet HTML 15Page - Monolithic Power Systems MP2467 Datasheet HTML 16Page - Monolithic Power Systems MP2467 Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
MP2467 – 2.5A, 36V, 500KHz STEP-DOWN CONVERTER
MP2467 Rev. 1.1
www.MonolithicPower.com
15
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
C3
100pF
C6
NS
C4
100nF
D1
VOUT
1.8V
VIN
6V - 36V
VIN
EN
RSET
GND
BST
5
8
1
4
3
7
2
6
SW
FB
COMP
MP2467
EN
Figure 3—1.8V Output Typical Application Schematic
5
8
1
4
3
7
2
6
Figure 4—5V Output Typical Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com