Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2487 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2487
Description  55V, 1A High Power LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2487 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2487 Datasheet HTML 5Page - Monolithic Power Systems MP2487 Datasheet HTML 6Page - Monolithic Power Systems MP2487 Datasheet HTML 7Page - Monolithic Power Systems MP2487 Datasheet HTML 8Page - Monolithic Power Systems MP2487 Datasheet HTML 9Page - Monolithic Power Systems MP2487 Datasheet HTML 10Page - Monolithic Power Systems MP2487 Datasheet HTML 11Page - Monolithic Power Systems MP2487 Datasheet HTML 12Page - Monolithic Power Systems MP2487 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MP2487 – 55V, 1A, HIGH-POWER LEDS DRIVER
MP2487 Rev. 1.0
www.MonolithicPower.com
9
9/22/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the LED Current
The LED current is set using a sensing resistor,
which is in series with the LEDs and connected
to GND. The voltage on the sensing resistor is
connected to FB pin.
FB
LED
FB
V
I
R
=
For example, for a 700mA LED current, RFB is
287mΩ.
Inductor L1
The inductor is required to supply constant
current to the output load while being driven by
the switched input voltage. A larger value
inductor will help to reduce the output filter
capacitance for the same LED current ripple.
However, the larger value inductor will have a
larger physical size, higher series resistance,
and/or lower saturation current.
A good rule for determining the inductance to use
is to allow the peak-to-peak ripple current in the
inductor to be approximately 30% to 40% of the
LED current. Also, make sure that the peak
inductor current is below the maximum switch
current limit. The inductance value can be
calculated by:
OUT
OUT
sL
IN
VV
L1=
(1-
)
f
ΔIV
×
×
,
OUT
F
Vn V
=×
Where VOUT is the output voltage to drive the
LEDs, VIN is the input voltage, fS is the switching
frequency, VF is one LED diode forward voltage
drop, n is the numbers of LEDs in series, and ∆IL
is the peak-to-peak inductor ripple current.
Choose an inductor that will not saturate under
the maximum inductor peak current. The peak
inductor current can be calculated by:
OUT
OUT
LP
LED
sIN
VV
II
(1
)
2f
L1
V
=+
× −
××
Where ILED is the LED current.
Output Rectifier Diode
The output rectifier diode supplies the current to
the inductor when the high-side switch is off. To
reduce losses due to the diode forward voltage
and recovery times, use a Schottky diode.
Choose a diode whose maximum reverse voltage
rating is greater than the maximum input voltage,
and whose current rating is greater than the
maximum load current. Table 1 lists example
Schottky diodes and manufacturers.
Table 1—Diode Selection Guide
Diodes
Voltage/Current
rating
Manufacture
B180-7-F
80V/1A
Diodes Inc.
CMSH2-
100M
100V/2A
Central Semi
Input Capacitor CIN
The input current to the step-down converter is
discontinuous, therefore a capacitor is required to
supply the AC current to the step-down converter
while maintaining the DC input voltage. Use low
ESR capacitors for the best performance.
Ceramic capacitors are preferred, but tantalum or
low-ESR electrolytic capacitors may also suffice.
For simplification, choose the input capacitor with
RMS current rating greater than half of the
maximum load current. The input capacitor (C1)
can be electrolytic, tantalum or ceramic.
When using electrolytic or tantalum capacitors, a
small, high quality ceramic capacitor, i.e. 0.1μF,
should be placed as close to the IC as possible.
When using ceramic capacitors, make sure that
they have enough capacitance to provide
sufficient charge to prevent excessive voltage
ripple at input. The input voltage ripple caused by
capacitance can be estimated by:
OUT
OUT
LED
IN
sIN
IN
IN
VV
I
V1
fC
V
V
⎛⎞
Δ=
×
× −
⎜⎟
×
⎝⎠



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com