Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRM6529 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # STRM6529
Description  OFF-LINE SWITCHING REGULATOR . WITH POWER MOSFET OUTPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STRM6529 Datasheet(HTML) 3 Page - Allegro MicroSystems

  STRM6529 Datasheet HTML 1Page - Allegro MicroSystems STRM6529 Datasheet HTML 2Page - Allegro MicroSystems STRM6529 Datasheet HTML 3Page - Allegro MicroSystems STRM6529 Datasheet HTML 4Page - Allegro MicroSystems STRM6529 Datasheet HTML 5Page - Allegro MicroSystems STRM6529 Datasheet HTML 6Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ALLOWABLE AVALANCHE ENERGY
ELECTRICAL CHARACTERISTICS at TA = +25°C, VIN = 18 V, voltage measurements are referenced to
Common (pin 3) (unless otherwise noted).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ. Max.
Units
On-State Voltage
V
INT
Turn-on, increasing V
IN
14.4
–
17.6
V
Under-Voltage Lockout
V
INQ
Turn-off, decreasing V
IN
9.0
–
11
V
Over-Voltage Threshold
V
OVP(th)
26
–
31
V
FET Leakage Current
I
DSS
V
DS = 800 V
–
–
300
µA
FET ON Resistance
r
DS(on)
V
GS = 10 V, ID = 2.5 A
–
1.8
2.2
Ω
Output Fall Time
t
f
V
DD = 250 V, ID = 2.5 A, 10% to 90% VDS
–
–
250
ns
Maximum ON Time
t
on
22.5
–
27.5
µs
Minimum OFF Time
t
off
2.0
–
4.0
µs
Over-Current Threshold
V
OCP(th)
700
–
800
mV
Feedback Threshold
V
FDBK(th)
–
750
–
mV
Soft-Start Current
I
SS
V
SS = 0 V
-2.2
–
-3.4
mA
Fault-Latch Threshold Volt.
V
FL(th)
8.0
–
9.2
V
Fault-Latch Holding Current
I
INH
V
IN reduced to 8.5 V
–
340
400
µA
Fault-Latch Reset Voltage
V
INQ
I
IN <20 µA, VIN reduced from 31 V
6.5
–
8.5
V
Insulation RMS Voltage
V
WM(RMS)
All terminals simultaneous reference
2000
–
–
V
metal plate against backside
Supply Current
I
IN(ON)
Operating
16
–
26
mA
I
IN(OFF)
Start up, V
IN =14 V
–
–
100
µA
Thermal Shutdown
T
J
125
150
–
°C
Thermal Resistance
RθJM
FET junction to mounting surface
–
2.0
–
°C/W
NOTES: Negative current is defined as coming out of (sourcing) the specified device terminal.
Typical Data is for design information only.
600
400
200
0
60
100
140
100
STARTING CHANNEL TEMPERATURE in
°C
Dwg. GK-009-1
300
500
0
20
40
80
120
160
SINGLE PULSE
DRAIN CURRENT = 5 A
SUPPLY VOLTAGE = 50 V
STR-M6529
OFF-LINE
SWITCHING REGULATOR



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com