Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2489 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2489
Description  Step Down White LED Driver with Wide 6V.60V Input Voltage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2489 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2489 Datasheet HTML 5Page - Monolithic Power Systems MP2489 Datasheet HTML 6Page - Monolithic Power Systems MP2489 Datasheet HTML 7Page - Monolithic Power Systems MP2489 Datasheet HTML 8Page - Monolithic Power Systems MP2489 Datasheet HTML 9Page - Monolithic Power Systems MP2489 Datasheet HTML 10Page - Monolithic Power Systems MP2489 Datasheet HTML 11Page - Monolithic Power Systems MP2489 Datasheet HTML 12Page - Monolithic Power Systems MP2489 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MP2489 – STEP DOWN WLED DRIVER WITH WIDE 6V–60V INPUT VOLTAGE
MP2489 Rev. 1.23
www.MonolithicPower.com
11
10/11/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PACKAGE INFORMATION
TSOT23-5
0.30
0.50
SEATING PLANE
0.95 BSC
0.84
0.90
1.00 MAX
0.00
0.10
TOP VIEW
FRONT VIEW
SIDE VIEW
RECOMMENDED LAND PATTERN
2.80
3.00
1.50
1.70
2.60
3.00
13
4
5
0.09
0.20
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS
.
2) PACKAGE LENGTH DOES NOT INCLUDE MOLD FLASH
,
PROTRUSION OR GATE BURR.
3) PACKAGE WIDTH DOES NOT INCLUDE INTERLEAD FLASH
OR PROTRUSION.
4) LEAD COPLANARITY(BOTTOM OF LEADS AFTER FORMING)
SHALL BE0.10 MILLIMETERS MAX.
5) DRAWING CONFORMS TO JEDEC MO-193, VARIATION AA.
6) DRAWING IS NOT TO SCALE.
0.30
0.50
0
o-8o
0.25 BSC
GAUGE PLANE
2.60
TYP
1.20
TYP
0.95
BSC
0.60
TYP
SEE DETAIL "A"
DETAIL 揂



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com