Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2489DQ Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2489DQ
Description  Step Down White LED Driver with Wide 6V.60V Input Voltage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2489DQ Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2489DQ Datasheet HTML 1Page - Monolithic Power Systems MP2489DQ Datasheet HTML 2Page - Monolithic Power Systems MP2489DQ Datasheet HTML 3Page - Monolithic Power Systems MP2489DQ Datasheet HTML 4Page - Monolithic Power Systems MP2489DQ Datasheet HTML 5Page - Monolithic Power Systems MP2489DQ Datasheet HTML 6Page - Monolithic Power Systems MP2489DQ Datasheet HTML 7Page - Monolithic Power Systems MP2489DQ Datasheet HTML 8Page - Monolithic Power Systems MP2489DQ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MP2489 – STEP DOWN WLED DRIVER WITH WIDE 6V–60V INPUT VOLTAGE
MP2489 Rev. 1.23
www.MonolithicPower.com
2
10/11/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
MP2489DJ*
TSOT23-5
AAD
MP2489DQ
QFN6 (3x 3mm)
9Y
MP2489DN
SOIC8E
MP2489
*
For Tape & Reel, add suffix –Z (e.g. MP2489DJ–Z);
For RoHS Compliant Packaging, add suffix –LF (e.g. MP2489DJ–LF–Z)
PACKAGE REFERENCE
SW
GND
GND
EN/DIM
IN
GND
GND
RS
1
2
3
4
8
7
6
5
TOP VIEW
EXPOSED PAD
ON BACKSIDE
CONNECT TO GND
TSOT23-5
QFN6 (3x 3mm)
SOIC8E
ABSOLUTE MAXIMUM RATINGS
(1)
VIN, VSW .........................................-0.3V to +65V
VRS ..................................................VIN-5V to VIN
All Other Pins...............................-0.3V to +6.3V
Continuous Power Dissipation
(TA = +25°C)
(2)
TSOT23-5 .................................................. 1.3W
QFN6 ......................................................... 2.5W
SOIC8E...................................................... 2.6W
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature............... -65
°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VIN ..............................6V to 60V
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
TSOT23-5 .............................100 ..... 55 ...
°C/W
QFN6 (3mm x 3mm) ..............50 ...... 14 ...
°C/W
SOIC8E ..................................48 ...... 10 ...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/ θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operation conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com