Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2010 Datasheet(PDF) 100 Page - Microchip Technology

Part # DSPIC30F2010
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2010 Datasheet(HTML) 100 Page - Microchip Technology

Back Button DSPIC30F2010 Datasheet HTML 96Page - Microchip Technology DSPIC30F2010 Datasheet HTML 97Page - Microchip Technology DSPIC30F2010 Datasheet HTML 98Page - Microchip Technology DSPIC30F2010 Datasheet HTML 99Page - Microchip Technology DSPIC30F2010 Datasheet HTML 100Page - Microchip Technology DSPIC30F2010 Datasheet HTML 101Page - Microchip Technology DSPIC30F2010 Datasheet HTML 102Page - Microchip Technology DSPIC30F2010 Datasheet HTML 103Page - Microchip Technology DSPIC30F2010 Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 236 page
background image
dsPIC30F6010A/6015
DS70150C-page 98
© 2007 Microchip Technology Inc.
15.6
Complementary PWM Operation
In the Complementary mode of operation, each pair of
PWM outputs is obtained by a complementary PWM
signal. A dead time may be optionally inserted during
device switching, when both outputs are inactive for a
short period (Refer to Section 15.7 “Dead-Time
Generators”).
In Complementary mode, the duty cycle comparison
units are assigned to the PWM outputs as follows:
• PDC1 register controls PWM1H/PWM1L outputs
• PDC2 register controls PWM2H/PWM2L outputs
• PDC3 register controls PWM3H/PWM3L outputs
• PDC4 register controls PWM4H/PWM4L outputs
The Complementary mode is selected for each PWM
I/O pin pair by clearing the appropriate PMODx bit in the
PWMCON1 SFR. The PWM I/O pins are set to
Complementary mode by default upon a device Reset.
15.7
Dead-Time Generators
Dead-time generation may be provided when any of
the
PWM
I/O
pin
pairs
are
operating
in
the
Complementary Output mode. The PWM outputs use
Push-Pull drive circuits. Due to the inability of the
power output devices to switch instantaneously, some
amount of time must be provided between the turn off
event of one PWM output in a complementary pair and
the turn on event of the other transistor.
The PWM module allows two different dead times to be
programmed. These two dead times may be used in
one of two methods described below to increase user
flexibility:
• The PWM output signals can be optimized for
different turn off times in the high side and low
side transistors in a complementary pair of tran-
sistors. The first dead time is inserted between
the turn off event of the lower transistor of the
complementary pair and the turn on event of the
upper transistor. The second dead time is inserted
between the turn off event of the upper transistor
and the turn on event of the lower transistor.
• The two dead times can be assigned to individual
PWM I/O pin pairs. This Operating mode allows
the PWM module to drive different transistor/load
combinations with each complementary PWM I/O
pin pair.
15.7.1
DEAD-TIME GENERATORS
Each complementary output pair for the PWM module
has a 6-bit down counter that is used to produce the
dead-time insertion. As shown in Figure 15-4, each
dead-time unit has a rising and falling edge detector
connected to the duty cycle comparison output.
15.7.2
DEAD-TIME ASSIGNMENT
The DTCON2 SFR contains control bits that allow the
dead times to be assigned to each of the complemen-
tary outputs. Table 15-1 summarizes the function of
each dead-time selection control bit.
TABLE 15-1:
DEAD-TIME SELECTION BITS
15.7.3
DEAD-TIME RANGES
The amount of dead time provided by each dead-time
unit is selected by specifying the input clock prescaler
value and a 6-bit unsigned value. The amount of dead
time provided by each unit may be set independently.
Four input clock prescaler selections have been pro-
vided to allow a suitable range of dead times, based on
the device operating frequency. The clock prescaler
option may be selected independently for each of the
two dead-time values. The dead-time clock prescaler
values are selected using the DTAPS<1:0> and
DTBPS<1:0> control bits in the DTCON1 SFR. One of
four clock prescaler options (TCY, 2 TCY, 4 TCY or 8 TCY)
may be selected for each of the dead-time values.
After the prescaler values are selected, the dead time
for each unit is adjusted by loading two 6-bit unsigned
values into the DTCON1 SFR.
The dead-time unit prescalers are cleared on the
following events:
• On a load of the down timer due to a duty cycle
comparison edge event.
• On a write to the DTCON1 or DTCON2 registers.
• On any device Reset.
Bit
Function
DTS1A
Selects PWM1L/PWM1H active edge dead time.
DTS1I
Selects PWM1L/PWM1H inactive edge
dead time.
DTS2A
Selects PWM2L/PWM2H active edge dead time.
DTS2I
Selects PWM2L/PWM2H inactive edge
dead time.
DTS3A
Selects PWM3L/PWM3H active edge dead time.
DTS3I
Selects PWM3L/PWM3H inactive edge
dead time.
DTS4A
Selects PWM4L/PWM4H active edge dead time.
DTS4I
Selects PWM4L/PWM4H inactive edge
dead time.
Note:
The user should not modify the DTCON1
or DTCON2 values while the PWM mod-
ule is operating (PTEN = 1). Unexpected
results may occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com