Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2490DQ Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2490DQ
Description  1.5A, 36V, 700KHz Step-Down Converter with Programmable Output Current Limit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2490DQ Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2490DQ Datasheet HTML 1Page - Monolithic Power Systems MP2490DQ Datasheet HTML 2Page - Monolithic Power Systems MP2490DQ Datasheet HTML 3Page - Monolithic Power Systems MP2490DQ Datasheet HTML 4Page - Monolithic Power Systems MP2490DQ Datasheet HTML 5Page - Monolithic Power Systems MP2490DQ Datasheet HTML 6Page - Monolithic Power Systems MP2490DQ Datasheet HTML 7Page - Monolithic Power Systems MP2490DQ Datasheet HTML 8Page - Monolithic Power Systems MP2490DQ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MP2490 – 1.5A, 36V, 700KHz STEP-DOWN WITH PROGRAMMABLE OUTPUT CURRENT LIMIT
MP2490 Rev. 0.92
www.MonolithicPower.com
2
4/23/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
Free Air Temperature (TA)
MP2490DQ *
QFN10 (3mm X 3mm)
T6
–40
°C to +85°C
MP2490DS
SOIC8
MP2490DS
–40
°C to +85°C
MP2490CP
PDIP8
MP2490CP
0
°C to +70°C
* For Tape & Reel, add suffix –Z (e.g. MP2490DQ–Z);
For RoHS, compliant packaging, add suffix –LF (e.g. MP2490DQ–LF–Z).
PACKAGE REFERENCE
TOP VIEW
VIN
GND
EN
FB
SS
1
2
3
4
5
SW
BST
PGOOD
ISP
ISN
10
9
8
7
6
EXPOSED PAD
ON BACKSIDE
CONNECT TO GND
VIN
GND
FB
SS
SW
BST
ISP
ISN
1
2
3
4
8
7
6
5
TOP VIEW
QFN10 (3mm X 3mm)
SOIC/PDIP
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage VIN ....................................... 40V
VSW....................................... –0.3V to VIN + 0.3V
VBST ................................................... VSW + 6.5V
VISN, vISP................................................0V to15V
All Other Pins..............................–0.3V to +6.5V
Continuous Power Dissipation (TA = +25°C)
(2)
QFN10 (3mm x 3mm) ................................ 2.5W
SOIC8 ...................................................... 1.39W
PDIP8 ...................................................... 1.32W
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature.............. –65
°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VIN ...........................4.5V to 36V
Output Voltage VOUT (VIN>16.5V) ....... 0.8V to 15
Output Voltage VOUT (VIN<=16.5V) ......................
.........................................0.8V to (VIN–1.5)V
Operating Junction Temperature (TJ)
................................................ –40
°C to +125°C
Thermal Resistance
(4)
θJA
θJC
QFN10 (3mm x 3mm) .............50 ...... 12 ...
°C/W
SOIC8 .....................................90 ...... 45 ...
°C/W
PDIP8......................................95 ...... 55 ...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JEDEC51-7 4 layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com