Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2494 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2494
Description  2A, 55V, 100kHz Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2494 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2494 Datasheet HTML 1Page - Monolithic Power Systems MP2494 Datasheet HTML 2Page - Monolithic Power Systems MP2494 Datasheet HTML 3Page - Monolithic Power Systems MP2494 Datasheet HTML 4Page - Monolithic Power Systems MP2494 Datasheet HTML 5Page - Monolithic Power Systems MP2494 Datasheet HTML 6Page - Monolithic Power Systems MP2494 Datasheet HTML 7Page - Monolithic Power Systems MP2494 Datasheet HTML 8Page - Monolithic Power Systems MP2494 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP2494
2A, 55V, 100kHz Step-Down Converter
MP2494 Rev. 1.0
www.MonolithicPower.com
1
4/25/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2494 is a monolithic step-down switch
mode converter. It achieves 2A continuous
output current over a wide input supply range
with excellent load and line regulation.
MP2494 achieves low EMI signature with well
controlled switching edges.
Fault condition protection includes cycle-by-cycle
current limiting and thermal shutdown.
The MP2494 requires a minimum number of
readily available standard external components.
The MP2494 is available in SOIC8 and SOIC8E
package.
FEATURES
• Wide 4.5V to 55V Operating Input Range
• Output Adjustable from 0.8V to 15V
• 0.25Ω Internal Power MOSFET Switch
• Stable with Low ESR Output Ceramic
Capacitors
• Fixed 100kHz Frequency
• Low EMI signature
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Available in SOIC8 and SOIC8E packages
APPLICATIONS
• USB Power Supplies
• Automotive Cigarette Lighter Adapters
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
1
3
5
2
4
6
8
7
U1
DR1050-390-R
8V-55V
5V@2A
MP2494
0.1μF
0.1μF
L1
39μH
R1
301k
1%
R2
57.6k
1%
D1
2A/80V
2.2μF
100V
220μF
63V
150pF
39μF
16V
22μF
16V
VIN
VIN
EN
EN
SS
GND
FB
GS
SW
BST
VOUT


Similar Part No. - MP2494

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP24943 MPS-MP24943 Datasheet
638Kb / 13P
3A, 55V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
MP24943DN MPS-MP24943DN Datasheet
638Kb / 13P
3A, 55V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
MP24943DS MPS-MP24943DS Datasheet
638Kb / 13P
3A, 55V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
More results

Similar Description - MP2494

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1153 ANALOGICTECH-AAT1153 Datasheet
692Kb / 20P
2A Step-Down Converter
AAT1153 ANALOGICTECH-AAT1153_08 Datasheet
685Kb / 19P
2A Step-Down Converter
logo
Microsemi Corporation
LX3005 MICROSEMI-LX3005 Datasheet
104Kb / 3P
2A STEP-DOWN CONVERTER
logo
Monolithic Power System...
MP2492 MPS-MP2492 Datasheet
588Kb / 11P
2A, 55V, 100kHz Step-Down Converter with Programmable Output Current Limit
MP4560 MPS-MP4560 Datasheet
414Kb / 19P
2A, 2MHz, 55V Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1153 SKYWORKS-AAT1153 Datasheet
1Mb / 19P
2A Step-Down Converter
logo
Monolithic Power System...
MP24943 MPS-MP24943 Datasheet
638Kb / 13P
3A, 55V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
MPQ4560-AEC1 MPS-MPQ4560-AEC1 Datasheet
1Mb / 21P
Industrial-Grade, 2A, 2MHz, 55V Step-Down Converter
EVQ4560-N-00A MPS-EVQ4560-N-00A Datasheet
711Kb / 7P
2A, 55V, 2MHz Step-Down Converter Evaluation Board
EVQ4560-Q-00A MPS-EVQ4560-Q-00A Datasheet
665Kb / 7P
2A, 55V, 2MHz Step-Down Converter Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com