Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2495 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2495
Description  Integrated 100V Load Dump Protection, 2A Step Down Regulator with Output Current Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2495 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2495 Datasheet HTML 5Page - Monolithic Power Systems MP2495 Datasheet HTML 6Page - Monolithic Power Systems MP2495 Datasheet HTML 7Page - Monolithic Power Systems MP2495 Datasheet HTML 8Page - Monolithic Power Systems MP2495 Datasheet HTML 9Page - Monolithic Power Systems MP2495 Datasheet HTML 10Page - Monolithic Power Systems MP2495 Datasheet HTML 11Page - Monolithic Power Systems MP2495 Datasheet HTML 12Page - Monolithic Power Systems MP2495 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MP2495– INTEGRATED100VLOAD DUMPPROTECTION,2ASTEPDOWNREGULATORWITH OUTPUTCURRENTCONTROL
MP2495 Rev. 1.0
www.MonolithicPower.com
11
7/24/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider is used to set the
output voltage (see the schematic on front
page). The feedback resistor R1 also sets the
feedback loop bandwidth with the internal
compensation capacitor (see Figure 1). Choose
R1 to be around 300kΩ for optimal transient
response. R2 is then given by:
1
V
8
.
0
V
1
R
2
R
OUT −
=
Table 1—Resistor Selection for Common
Output Voltages
VOUT (V)
R1 (kΩ)
R2 (kΩ)
1.8
300 (1%)
240 (1%)
2.5
300 (1%)
141.1 (1%)
3.3
300 (1%)
96 (1%)
5
300 (1%)
57.1 (1%)
Selecting the Inductor
A 1µH to 15µH inductor with a DC current rating
of at least 25% percent higher than the
maximum load current is recommended for
most applications. For highest efficiency, the
inductor DC resistance should be less than
200mΩ. For most designs, the inductance value
can be derived from the following equation.
SW
L
IN
OUT
IN
OUT
f
I
V
)
V
V
(
V
L
×
Δ
×
−
×
=
Where ΔIL is the inductor ripple current.
Choose
inductor
current
ripple
to
be
approximately 30% of the maximum load
current,. The maximum inductor peak current is:
2
I
I
I
L
LOAD
)
MAX
(
L
Δ
+
=
Under light load conditions below 100mA, larger
inductance is recommended for improved
efficiency.
Selecting the Input Capacitor
The input capacitor reduces the surge current
drawn from the input and also the switching
noise from the device. The input capacitor
impedance at the switching frequency should
be less than the input source impedance to
prevent high frequency switching current from
pass to the input. Ceramic capacitors with X5R
or X7R dielectrics are highly recommended
because
of
their
low
ESR
and
small
temperature coefficients. For most applications,
a 4.7µF capacitor is sufficient.
Selecting the Output Capacitor
The output capacitor keeps output voltage small
and ensures regulation loop stability. The
output capacitor impedance should be low at
the switching frequency. Ceramic capacitors
with X5R or X7R dielectrics are recommended.
Selecting D2 Diode
The D2 Zener diode voltage is a reference
voltage to control the clamp voltage of the OVP
protection during a surge condition to choose
the Zener voltage to be the same as the input
voltage to reduce any OVP protection losses.
Refer to the typical operation curve on page 6
titled “Clamp Voltage vs. VDD-VCTR” to make
sure the VDD voltage doesn’t exceed the
maximum input voltage, when a surge voltage
is applied to the OVP protection.
PC Board Layout
The high current paths (GND, IN and SW)
should be placed very close to the device with
short, direct and wide traces. The input
capacitor needs to be as close as possible to
the IN and GND pins. The external feedback
resistors should be placed next to the FB pin.
Keep the switching node SW short and away
from the feedback network. ISN, ISP are
sensitive nodes. Put the sensing components
as close to the device as possible and keep
them away from the high current and noisy
paths such as GND, IN, SW). Match the trace
and components on ISN, ISP paths as good as
possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com