Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS515 Datasheet(PDF) 23 Page - Microchip Technology

Part # HCS515
Description  KEELOQ Code Hopping Decoder
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS515 Datasheet(HTML) 23 Page - Microchip Technology

Back Button HCS515 Datasheet HTML 19Page - Microchip Technology HCS515 Datasheet HTML 20Page - Microchip Technology HCS515 Datasheet HTML 21Page - Microchip Technology HCS515 Datasheet HTML 22Page - Microchip Technology HCS515 Datasheet HTML 23Page - Microchip Technology HCS515 Datasheet HTML 24Page - Microchip Technology HCS515 Datasheet HTML 25Page - Microchip Technology HCS515 Datasheet HTML 26Page - Microchip Technology HCS515 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
© 2002 Microchip Technology Inc.
DS40183D-page 23
HCS515
FIGURE 8-2:
TYPICAL MICROCONTROLLER INTERFACE CIRCUIT
8.1.8
LEARN STATUS STRING
Standard Operating Conditions (unless otherwise specified):
Commercial (C):
0°C
≤ TA ≤ +70°C
Industrial (I):
-40°C
≤ TA ≤ +85°C
Symbol
Parameters
Min.
Typ.
Max.
Units
TDHI
Command request time
—
—
500
ms
TCLA
Microcontroller command
request time
0.005
—
500
ms
TACT
Decoder request acknowledge time
—
—
10
µs
TCLH
Clock high hold time
1.2
ms
TCLL
Clock low hold time
0.020
—
1.2
ms
TCLKH
Clock high time
20
—
1000
µs
TCLKL
Clock low time
20
—
1000
µs
FCLK
Clock frequency
500
—
25000
Hz
TDS
Data hold time
—
—
5
µs
Note:
These parameters are characterized but not tested.
VDD
VI
G
N
D
VO
MCP100-450
Voltage Supervisor
NC
NC
VDD
S1
S0
MCLR
NC
NC
NC
VSS
RF_IN
S_CLK
S_DAT
NC
1
2
3
4
5
6
78
9
10
11
12
13
14
X
X
X
X
X
X
X
X
VDD
RF
Receiver
Microcontroller
RST
In-circuit
Programming
Probe Pads
10K
HCS515
CLK
DAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com