Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2498 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2498
Description  Integrated 100V Load Dump Protection, 2A Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2498 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2498 Datasheet HTML 1Page - Monolithic Power Systems MP2498 Datasheet HTML 2Page - Monolithic Power Systems MP2498 Datasheet HTML 3Page - Monolithic Power Systems MP2498 Datasheet HTML 4Page - Monolithic Power Systems MP2498 Datasheet HTML 5Page - Monolithic Power Systems MP2498 Datasheet HTML 6Page - Monolithic Power Systems MP2498 Datasheet HTML 7Page - Monolithic Power Systems MP2498 Datasheet HTML 8Page - Monolithic Power Systems MP2498 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MP2498 –INTEGRATED 100V LOAD DUMP PROTECTION, 2A STEP-DOWN REGULATOR
MP2498 Rev. 1.0
www.MonolithicPower.com
2
8/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP2498DV
QFN28 (4mm x 5mm)
2498DV
* For Tape & Reel, add suffix –Z (e.g. MP2498DV–Z).
For RoHS compliant packaging, add suffix –LF (e.g. MP2498DV–LF–Z)
PACKAGE REFERENCE
TOP VIEW
1
2
3
4
5
6
7
8
22
21
20
19
18
17
16
15
9
10
11
121314
28
27
26
25
24
23
AGND
GND
COMP
EN
FB
SW
SW
BST
N/C
CTR
N/C
N/C
N/C
N/C
VDD
VDD
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
FREQ
IN
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage (VIN)................................... 100V
IN to CTR......................................-0.3V to 100V
VDD to CTR....................................-0.3V to 45V
VDD ............................................................. 60V
VSW.............................................. -0.3V to VDD
VBST .............................................. VSW + 6.5V
All Other Pins....................................-0.3V to 5V
Continuous Power Dissipation (TA = +25°C)
(2)
............................................................. 2.5W
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature.............. –65°C to +150
°C
Recommended Operating Conditions (3)
Input Voltage .....................................6.5V - 30V
Surge Voltage VIN ...............90V/100ms duration
VDD ......................................................5V - 55V
Output Voltage VOUT (VIN>16.5)........ 0.8V to 15V
Output Voltage VOUT (VIN<16.5V) ....0.8V to (VIN-1.5V)
Operating Junct. Temp (TJ) .....–40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
QFN28 (4mm x5mm).............. 50 ...... 11...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/ θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7 4-layer board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com