Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2498DV Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2498DV
Description  Integrated 100V Load Dump Protection, 2A Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2498DV Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2498DV Datasheet HTML 3Page - Monolithic Power Systems MP2498DV Datasheet HTML 4Page - Monolithic Power Systems MP2498DV Datasheet HTML 5Page - Monolithic Power Systems MP2498DV Datasheet HTML 6Page - Monolithic Power Systems MP2498DV Datasheet HTML 7Page - Monolithic Power Systems MP2498DV Datasheet HTML 8Page - Monolithic Power Systems MP2498DV Datasheet HTML 9Page - Monolithic Power Systems MP2498DV Datasheet HTML 10Page - Monolithic Power Systems MP2498DV Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MP2498 –INTEGRATED 100V LOAD DUMP PROTECTION, 2A STEP-DOWN REGULATOR
MP2498 Rev. 1.0
www.MonolithicPower.com
7
8/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
BLOCK DIAGRAM
--
+
LOGIC
--
+
1.5ms SS
SS
COMP
ISW
VDD
BST
SW
FREQ
AGND
GND
COMP
FB
EN
CTR
VIN
SS
0V8
OVP
REFERENCE
UVLO
INTERNAL
REGULATORS
OSCILLATOR
Figure 1—Functional Block Diagram
OPERATION
The MP2498 is a programmable frequency,
non-synchronous, step-down buck switching
regulator with an integrated high-side high
voltage power MOSFET. A normally on 100V/350
mΩ over-voltage protection device is also
intergrated to protect the buck regulator input
from load dump surge (up to 100V). It provides a
single highly efficient solution with current mode
control for fast loop response and easy
compensation. It features a wide input voltage
range, internal soft-start control and precision
current limiting. Its very low operational quiescent
current makes it suitable for battery powered
applications.
PWM Control Mode
At moderate to high output current, the MP2498
operates in a fixed frequency, peak current
control mode to regulate the output voltage. A
PWM cycle is initiated by the internal clock. The
power MOSFET is turned on and remains on
until its current reaches the value set by the
COMP voltage. When the power switch is off, it
remains off for at least 100ns before the next
cycle starts. If, in one PWM period, the current in
the power MOSFET does not reach the COMP
set current value, the power MOSFET remains
on, saving a turn-off operation.
Pulse Skipping Mode
Under
light
load
condition
the
switching
frequency stretches down zero to reduce the
switching loss and driving loss.
Error Amplifier
The error amplifier compares the FB pin voltage
with the internal reference (REF) and outputs a
current proportional to the difference between the
two. This output current is then used to charge
the external compensation network to form the
COMP voltage, which is used to control the
power MOSFET current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com