Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2499 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2499
Description  Integrated 100V Load Dump Protection 2A, 100kHz Step Down Regulator with Programmable Output Current
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2499 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2499 Datasheet HTML 1Page - Monolithic Power Systems MP2499 Datasheet HTML 2Page - Monolithic Power Systems MP2499 Datasheet HTML 3Page - Monolithic Power Systems MP2499 Datasheet HTML 4Page - Monolithic Power Systems MP2499 Datasheet HTML 5Page - Monolithic Power Systems MP2499 Datasheet HTML 6Page - Monolithic Power Systems MP2499 Datasheet HTML 7Page - Monolithic Power Systems MP2499 Datasheet HTML 8Page - Monolithic Power Systems MP2499 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP2499– INTEGRATED 100V LOAD DUMP PROTECTION, 2A STEP DOWN REGULATOR
MP2499 Rev. 0.91
www.MonolithicPower.com
4
11/24/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PIN FUNCTIONS
PIN #
Name
Description
1
FB
Feedback. An external resistor divider from the output to GND, tapped to the FB pin sets
the output voltage. To prevent current limit run away during a short circuit fault condition
the frequency-fold-back comparator lowers the oscillator frequency when the FB voltage
is below 250mV.
2
SS
Connect to an external capacitor used for Soft-Start and compensation for current
limiting loop.
3
ISP
Positive Current Sense
4
ISN
Negative Current Sense Input for load current limiting.
5
CTR
Control pin. Tie a zener diode from CTR to ground. The zener voltage should equal to
normal output voltage.
6
N/C
No connection
7
IN
Input. Connect input power supply, which may have surge voltage to IN pin.
8
IN
Input. Connect input power supply, which may have surge voltage to IN pin.
9
OUT
Output Pin. Connect to VDD pin.
10
OUT
Output Pin. Connect to VDD pin.
11
N/C
No connection
12
BST
Bootstrap. This capacitor is needed to drive the power switch’s gate above the supply
voltage. It is connected between SW and BST pins to form a floating supply across the
power switch driver. An on-chip regulator is used to charge up the external bootstrap
capacitor. If the on-chip regulator is not strong enough, an optional diode can be
connected from IN or OUT to charge the external bootstrap capacitor.
13
SW
Switch Output. It is the source of power device.
14
VDD
Supply Voltage Bypass pin. This pin is also the output of the OV protection switch. The
MP2499 operates from a +5V to +36V unregulated input. CIN is needed to prevent large
voltage spikes from appearing at the input. Put CIN as close to the IC as possible. It is
the drain of the internal power device and power supply for the whole chip.
15
GND
Ground. This pin is the voltage reference for the regulated output voltage. For this
reason care must be taken in its layout. This node should be placed outside of the D1 to
CIN ground path to prevent switching current spikes from inducing voltage noise into the
part.
16
EN
On/Off Control Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com