Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2602 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2602
Description  28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2602 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2602 Datasheet HTML 1Page - Monolithic Power Systems MP2602 Datasheet HTML 2Page - Monolithic Power Systems MP2602 Datasheet HTML 3Page - Monolithic Power Systems MP2602 Datasheet HTML 4Page - Monolithic Power Systems MP2602 Datasheet HTML 5Page - Monolithic Power Systems MP2602 Datasheet HTML 6Page - Monolithic Power Systems MP2602 Datasheet HTML 7Page - Monolithic Power Systems MP2602 Datasheet HTML 8Page - Monolithic Power Systems MP2602 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MP2602 – 28V, 1A LINEAR LI-ION BATTERY CHARGER WITH TRICKLE CHARGE
MP2602 Rev.1.3
www.MonolithicPower.com
3
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 5V, VEN = 0V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
OVP Hysteresis
400
mV
EN
Trip Threshold High
2.5
V
EN
Trip Threshold Low
0.4
V
CHG , ACOK Sink Current
Pin Voltage = 0.4V
8
mA
Battery Reverse Current to
BATT Pin
EN
= Low and Input =
Floating or 0V
1
µA
Switch-On Resistance
RON
VBATT = 3.8V, IBATT = 300mA,
RCHG = 1.7kΩ
0.35
Ω
Soft Thermal Shutdown
Threshold
105
120
135
°C
Soft Thermal Shutdown
Hysteresis
10
°C
Soft-Start Time
From trickle to 90% of full
current, CSS = 0.1µF
10
20
35
ms
Notes:
4) ICHG is the target preprogrammed charge current (Die temperature below 110°C).
5) IBF is the target preprogrammed battery full current threshold.
PIN FUNCTIONS
Pin #
Name Description
1
IN
Input Supply Pin. IN receives the AC adapter or USB supply voltage.
2
CHG
Open-Drain Charge Status Indicator. This pin is low during charging.
3
ACOK
Open-Drain Input ACOK Indicator. This pin is low if the voltage at the IN pin is between 2.5V
and 6V.
4
EN
Charger IC Enable. An input “Low” signal at this pin or if the pin is floating will enable the IC.
5
NTC
Negative Thermal Coefficient (NTC) Thermistor Pin. Connect a 500kΩ resistor from this pin to
the IN pin and a 100kΩ NTC resistor (within the battery pack) from this pin to ground. If NTC
function is not used, replace NTC resistor with a regular 100kΩ resistor from this pin to ground.
Do not leave this pin floating.
6
GND
Ground.
7
SS
Soft-Start Timer. Connect this pin to an external capacitor to program the soft-start startup time
using the equation:
sec
m
20
F
1
.
0
C
T
SS
SS
×
µ
=
.
8
IBF
Charge Status Threshold Program. Connect this pin to an external resistor to program the
charge termination current or battery full charge current.
9
ISET
Constant Charge Current Program. Connect this pin to an external resistor to program the
charging current in CC Mode.
10
BATT
Charger Output.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com