Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2603EJ Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2603EJ
Description  Single-Cell 150mA Linear Li-Ion Battery Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2603EJ Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2603EJ Datasheet HTML 1Page - Monolithic Power Systems MP2603EJ Datasheet HTML 2Page - Monolithic Power Systems MP2603EJ Datasheet HTML 3Page - Monolithic Power Systems MP2603EJ Datasheet HTML 4Page - Monolithic Power Systems MP2603EJ Datasheet HTML 5Page - Monolithic Power Systems MP2603EJ Datasheet HTML 6Page - Monolithic Power Systems MP2603EJ Datasheet HTML 7Page - Monolithic Power Systems MP2603EJ Datasheet HTML 8Page - Monolithic Power Systems MP2603EJ Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MP2603 – SINGLE CELL 150mA LINEAR LI-ION BATTERY CHARGER
MP2603 Rev. 1.01
www.MonolithicPower.com
2
1/31/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP2603EJ
TSOT23
M3
* For Tape & Reel, add suffix –Z (e.g. MP2603EJ–Z).
For RoHS compliant packaging, add suffix –LF (e.g. MP2603EJ–LF–Z)
PACKAGE REFERENCE
TOP VIEW
IPGM
GND
CHGZ
1
2
3
5
4
BATT
IN
ABSOLUTE MAXIMUM RATINGS (1)
IN to GND .....................................-0.3V to +25V
All Other Pins..............................-0.3V to +6.5 V
Continuous Power Dissipation (TA = +25°C)
(2)
........................................................... 0.57W
Junction Temperature...............................140
°C
Lead Temperature ....................................260
°C
Storage Temperature............... -65°C to +150
°C
Recommended Operating Conditions
(3)
Supply Voltage VIN ......................4.75V to 5.25V
Operating Temperature.............. -20
°C to +85°C
Thermal Resistance
(4)
θJA
θJC
TSOT23 .................................220 .... 110 ..
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com