Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMF-RLC50-10 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CMF-RLC50-10
Description  Telecom CPTC Resettable Fuses
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CMF-RLC50-10 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CMF-RLC50-10 Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CMF-RLC Series - Telecom CPTC Resettable Fuses
Max.
Rated
Packaging
Hold
Trip
Imax @
Time to Trip
Voltage
Resistance
Resistance
Current
Current
230 VAC
@ Imax/
Model
Withstand
(RN)
Matching
230 VAC
Vrms
Ohms
Tolerance
Ohms
Amps @ 25 °C
Amps @ 25 °C
Amps
Seconds
CMF-RLC50
650
50
±20 %
± 0.5
0.065
0.150
< 3
< 0.1
CMF-RLC50-10
650
50
±10 %
± 0.5
0.065
0.150
< 3
< 0.1
Electrical Characteristics
Features
■
Radial leaded devices
■
Aids compliance with:
- ITU-T K.20, K.21, K.45
■
Narrow resistance tolerance
■
RoHS compliant*
Applications
Used as a secondary overcurrent protection
device in:
■
Customer Premise Equipment (CPE)
■
Central Office (CO)
■
Access equipment
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
Reliable Electronic Solutions
How to Order
CMF - RLC 50 -10 - 0
Product
Designator
Style
RLC = Telecom Radial Leaded CPTC -
Ceramic Case
Rated Resistance (RN)
50 (50 Ohms)
Rated Resistance Tolerance
-10 = ±10 %
Blank = ±20 % (Standard)
Packaging Options
- 0 = Bulk Packaging
Typical Part Marking
Represents total content. Layout may vary.
C50M6G
MANUFACTURER'S
TRADEMARK
CERAMIC
CASE
PART
IDENTIFICATION:
50M = CMF-RLC50
50K = CMF-RLC50-10
YEAR CODE:
6 = 2006
BI-WEEKLY
DATE CODE:
WEEK 13-14 = G
Physical
A
B
C
D
E
F
G
Characteristics
Model
Nom.
Nom.
Nom.
Nom.
Nom.
Nom.
Nom.
Material
CMF-RLC50
9.0±0.20
4.5±0.20
9.6±0.20
4.7±0.20
2.54±0.20
5.08 ± 0.20
0.8
Sn/Cu
(0.354±.008)
(0.177±.008)
(0.378±.008)
(0.185±.008)
(0.100±.008)
(0.200±.008)
(0.031)
Product Dimensions
Packaging options:
BULK: 192 pcs. per box
MM
(INCHES)
DIMENSIONS =
A
F
G
B
C
D
E
CMF-RLC SERIES, REV. C, 01/08
C50M6G
A
Test
Test Conditions
Requirements*
Lightning Surge ..................................10/1000 µs / 1k V / 25 A / 30 Cycles, every 3 Min. ..................................(Ri-Rf) / Ri < ±10 %
Power Induction..................................600 V, 1 A, 1 Sec., 10 Cycles, every 1 Min. ..............................................(Ri-Rf) / Ri < ±10 %
Power Contact ....................................230 V, 23 A, 15 Min. ..................................................................................(Ri-Rf) / Ri < ±10 %
Overvoltage Withstand ......................380 V, 3 A, 4 Hours, 1 Time ......................................................................(Ri-Rf) / Ri < ±10 %
Failure Mode ......................................600 V, RL=0, 60 Min, 1 Time ....................................................................**
Ri = R initial
Rf = R final
** Circuit disconnected or high reinforce is acceptable.
Test Procedures And Requirements For Model CMF-RLC Series


Similar Part No. - CMF-RLC50-10

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CMF-RLC50-10 BOURNS-CMF-RLC50-10 Datasheet
235Kb / 1P
Telecom CPTC Resettable Fuses
CMF-RLC50-10-0 BOURNS-CMF-RLC50-10-0 Datasheet
235Kb / 1P
Telecom CPTC Resettable Fuses
More results

Similar Description - CMF-RLC50-10

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CMF-SD BOURNS-CMF-SD Datasheet
334Kb / 3P
Telecom CPTC Resettable Fuses
MF-SD013 BOURNS-MF-SD013_11 Datasheet
331Kb / 3P
Telecom PTC Resettable Fuses
CMF-RD50 BOURNS-CMF-RD50 Datasheet
246Kb / 2P
Telecom CPTC Resettable Fuses
CMF-RL10 BOURNS-CMF-RL10 Datasheet
319Kb / 2P
Telecom CPTC Resettable Fuses
CMF-RQ50 BOURNS-CMF-RQ50 Datasheet
362Kb / 2P
Telecom CPTC Resettable Fuses
CMF-SD10 BOURNS-CMF-SD10 Datasheet
246Kb / 3P
Telecom CPTC Resettable Fuses
CMF-SDP07 BOURNS-CMF-SDP07 Datasheet
371Kb / 3P
Telecom CPTC Resettable Fuses
CMF-RD50-10-0 BOURNS-CMF-RD50-10-0 Datasheet
246Kb / 2P
Telecom CPTC Resettable Fuses
CMF-RLC50-10-0 BOURNS-CMF-RLC50-10-0 Datasheet
235Kb / 1P
Telecom CPTC Resettable Fuses
CMF-RQ50-10-0 BOURNS-CMF-RQ50-10-0 Datasheet
362Kb / 2P
Telecom CPTC Resettable Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com