Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMF-RQ50 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CMF-RQ50
Description  Telecom CPTC Resettable Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CMF-RQ50 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CMF-RQ50 Datasheet HTML 1Page - Bourns Electronic Solutions CMF-RQ50 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CMF-RQ Series - Telecom CPTC Resettable Fuses
Time
Induction
Rated
Resistance
to Trip
Voltage
Rated
Resistance
Matching
Hold
Hold
Trip
Imax @
@ Imax/
Model
Withstand
Voltage
(RN)
In Housing
Current
Current
Current
230 VAC
230 VAC
Amps
Amps
Amps
VAC
Volts
Ohms
Tolerance
Ohms
@ 25 °C
@ 40 °C
@ 25 °C
Amps
Seconds
CMF-RQ50
600
230
50
±20 %
± 0.5
0.09
0.06
0.19
3.0
< 0.1
CMF-RQ50-10
600
230
50
±10 %
± 0.5
0.09
0.06
0.19
3.0
< 0.1
Electrical Characteristics
Features
■
Four resistance-matched PTCs in a
ceramic housing
■
Aids compliance with:
- ITU-T K.20/21/45
- Telcordia GR-1089-CORE
- UL 60950, 3rd Ed.
■
Narrow resistance tolerance
■
RoHS compliant*
Applications
Used as a secondary overcurrent protection
device in:
■
Customer Premise Equipment (CPE)
■
Central Office (CO)
■
Access equipment
Product Dimensions
Packaging options:
BULK:
56 pcs. per plastic box
MM
(INCHES)
DIMENSIONS =
20.0 ± 1.0
(.787 ± .039)
9.0 ± 1.0
(.354 ± .039)
9.0 ± 1.0
(.354 ± .039)
SIDE
FRONT
BOTTOM
1.2
(.047)
0.6
(.236)
1 3 5 7 = FRONT PINS
2 4 6 8 = BACK PINS
PINS 1 & 2 = 1ST CPTC
PINS 3 & 4 = 2ND CPTC
PINS 5 & 6 = 3RD CPTC
PINS 7 & 8 = 4TH CPTC
5.0 ± 0.2
(.197 ± .008)
10.0 ± 1.0
(.394 ± .039)
1.5
(.059)
2.0
(.079)
5.0 ± 0.2
(.197 ± .008)
2.5 ± 0.1
(.098 ± .039)
12
3
4
5
678
Primary
Test
Protection
Test Condition
Requirements
Mains Power Contact - ITU-T K.20, K.21 ....None................230 V rms, 10 ohms, 15 Min. ......................................................(Ri-Rf) / Ri < ±10 %
Power Induction - ITU-T K.20, K.21..............None................600V rms, 600 ohms, 0.2 seconds, 10 cycles, every 1 Min. ......(Ri-Rf) / Ri < ±10 %
Power Induction - ITU-T K.20, K.21..............GDT ................600 V rms, 600 ohms, 1 second, 10 cycles, every 1 Min. ..........(Ri-Rf) / Ri < ±10 %
Power Induction - ITU-T K.20, K.21..............GDT ................600 V rms, 200 ohms, 1 second, 10 cycles, every 1 Min. ..........(Ri-Rf) / Ri < ±10 %
Lightning Surge - ITU-T K.20, K.21 ......................................10/700 µs, 25 ohms, 1.0 kV, 10 Tests, every 1 Min. ..................(Ri-Rf) / Ri < ±10 %
Lightning Surge......................................................................10/1000 µs, 40 ohms, 1.0 kV, 30 Tests, every 3 Min. ................(Ri-Rf) / Ri < ±10 %
Overvoltage Withstand ..........................................................300 V, 3 A, 4 Hours, 1 Time ........................................................(Ri-Rf) / Ri < ±10 %
Failure Mode ..........................................................................300 V, RL=0, 60 Min. ..................................................................**
Ri = R initial
Rf = R final
** Circuit disconnected or high resistance is acceptable.
Test Procedures And Requirements For Model CMF-RQ Series


Similar Part No. - CMF-RQ50

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CMF-RQ50 BOURNS-CMF-RQ50 Datasheet
362Kb / 2P
Telecom CPTC Resettable Fuses
CMF-RQ50-10 BOURNS-CMF-RQ50-10 Datasheet
362Kb / 2P
Telecom CPTC Resettable Fuses
CMF-RQ50-10-0 BOURNS-CMF-RQ50-10-0 Datasheet
362Kb / 2P
Telecom CPTC Resettable Fuses
More results

Similar Description - CMF-RQ50

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CMF-SD BOURNS-CMF-SD Datasheet
334Kb / 3P
Telecom CPTC Resettable Fuses
MF-SD013 BOURNS-MF-SD013_11 Datasheet
331Kb / 3P
Telecom PTC Resettable Fuses
CMF-RD50 BOURNS-CMF-RD50 Datasheet
246Kb / 2P
Telecom CPTC Resettable Fuses
CMF-RL10 BOURNS-CMF-RL10 Datasheet
319Kb / 2P
Telecom CPTC Resettable Fuses
CMF-RLC50 BOURNS-CMF-RLC50 Datasheet
235Kb / 1P
Telecom CPTC Resettable Fuses
CMF-SD10 BOURNS-CMF-SD10 Datasheet
246Kb / 3P
Telecom CPTC Resettable Fuses
CMF-SDP07 BOURNS-CMF-SDP07 Datasheet
371Kb / 3P
Telecom CPTC Resettable Fuses
CMF-RD50-10-0 BOURNS-CMF-RD50-10-0 Datasheet
246Kb / 2P
Telecom CPTC Resettable Fuses
CMF-RLC50-10-0 BOURNS-CMF-RLC50-10-0 Datasheet
235Kb / 1P
Telecom CPTC Resettable Fuses
CMF-RQ50-10-0 BOURNS-CMF-RQ50-10-0 Datasheet
362Kb / 2P
Telecom CPTC Resettable Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com