Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2607DL Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2607DL
Description  Li, LINEAR Charger WithSystem Power Path Management
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2607DL Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2607DL Datasheet HTML 7Page - Monolithic Power Systems MP2607DL Datasheet HTML 8Page - Monolithic Power Systems MP2607DL Datasheet HTML 9Page - Monolithic Power Systems MP2607DL Datasheet HTML 10Page - Monolithic Power Systems MP2607DL Datasheet HTML 11Page - Monolithic Power Systems MP2607DL Datasheet HTML 12Page - Monolithic Power Systems MP2607DL Datasheet HTML 13Page - Monolithic Power Systems MP2607DL Datasheet HTML 14Page - Monolithic Power Systems MP2607DL Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MP2607 – LI-ION CHARGER WITH POWER PATH MANAGEMENT
MP2607 Rev. 1.02
www.MonolithicPower.com
13
6/19/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Battery Charging Current
The
charging
current
of
MP2607
is
programmable using an external resistor RCHG
at ICHSET pin:
)
(
Ω
×
=
CHG
CHG
R
1.260V
1800
I
Where 1.260V is an internal reference voltage
for ICHSET programming. Typically RCHG is
chosen between 1.51kΩ (1.50A ICHG) and 7.5kΩ
(300mA ICHG).
However, due to current limit constraint at the
input source, either adapter or USB port input,
the charging current could be less than above
calculated value if system load demand is high.
MP2607 will always ensure the sum of system
load current and charging current complies with
source current limit, with system load has the
priority. Especially for USB mode, when system
load exceeds the source current limit, charging
is actually stopped and battery is pulled in to
supplement the system load.
When using USB port as input source, if the
charging current is set higher than USB port
current limit IUSB_MAX, then the real charging
current will not be higher than USB current limit
and could be reduced further if system draws
any load.
End of Charge Threshold Current
The end of charge threshold current is set
internally to be at 10% of ICHG:
)
(
R
1.260V
180
I
CHG
EOC
Ω
×
=
Where 1.260V is an internal reference voltage
and RCHG is the programming resistor at
ICHSET pin.
When the charging current falls below IEOC in
CV charge mode, MP2607 will terminate charge,
and latch the status pin to indicate the end of
charge.
Trickle Charge Current
When the battery voltage is below the minimum
battery voltage V
TH_TRKL (defined in the electrical
characteristics table), the charger operates in a
trickle/preconditioning
mode,
where
the
charging current is typically 7.5% of the
programmed charge current ICHG.
)
(
Ω
×
=
CHG
TRKL
R
1.260V
150
I
Timer for Charge Termination
MP2607 has a built-in timer to terminate the
charge if the timer times out, no matter whether
IEOC is reached or not. And once the battery is
charged full, the timer is reset. This timer is
programmable using an external capacitor CTMR
at TMR pin, to allow user adjust to different
battery capacity. The timer can be calculated as:
TMR
TMR_F
CHG
C
2 A 1A/36000
1.1hours
2 A I
/36000
1 F
μ+
τ=
×
×
μ+
μ
The timer period is strictly inversely proportional
to the real charging current (either in power
path state or CV charge mode), the sink and
source current of CTMR is
36000
/
Ichg
A
2
+
μ
.
So, the trickle charge timer can be calculated
based on the
τTMR_F:
/36000
I
A
2
/36000
I
A
2
2
2
TRKL
CHG
17
15
TMR_F
TMR_T
+
μ
+
μ
×
×
τ
=
τ
Due to the power path management function,
the real charging current usually varies during
the whole charging process, thus MP2607
automatically takes into account this variation
and adjust the timer time out accordingly.
Basically
the
timer
increases the
same
proportion as the charging current decreases. If
the charging is stopped due to high system load,
the timer is temporarily suspended. In this way,
the actual energy delivered to the battery, which
is charging current multiplying the charging time,
remains constant.
The time out operation will set the charger into
suspended state and be reported at the status
output pins. To clear the time out status, one
has to recycle the chip enable pin or IN supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com