Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2610ER Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2610ER
Description  2A, 24V Input, 1.1MHz 1/2 - Cell Switching Li-Ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2610ER Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2610ER Datasheet HTML 8Page - Monolithic Power Systems MP2610ER Datasheet HTML 9Page - Monolithic Power Systems MP2610ER Datasheet HTML 10Page - Monolithic Power Systems MP2610ER Datasheet HTML 11Page - Monolithic Power Systems MP2610ER Datasheet HTML 12Page - Monolithic Power Systems MP2610ER Datasheet HTML 13Page - Monolithic Power Systems MP2610ER Datasheet HTML 14Page - Monolithic Power Systems MP2610ER Datasheet HTML 15Page - Monolithic Power Systems MP2610ER Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MP2610 – 2A, 24V INPUT, 1.1MHz 1-2CELL SWITCHING LI-ION BATTERY CHARGER
MP2610 Rev. 0.91
www.MonolithicPower.com
13
7/13/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Charge Current
The charge current of MP2610 is set by the
sense resistor RS1 (Figure1). The charge current
programmable formula is as following:
)
RS1(m
200mV
(A)
I
CHG
Ω
=
(1)
Table2—ICHG Setting
ICHG(A)
RS(mΩ)
2
100
1.5
133
1
200
0.8
250
0.5
400
Selecting the Inductor
A 1µH to 10µH inductor is recommended for
most applications. The inductance value can be
derived from the following equation.
OUT
IN
OUT
IN
L
OSC
V(V
V
)
L
VI
f
×−
=
×Δ ×
(2)
Where ΔIL is the inductor ripple current. VOUT
is 1/2 Cell battery voltage.
Choose inductor current to be approximately
30% if the maximum charge current, 2A. The
maximum inductor peak current is:
L
L(MAX)
LOAD
I
II
2
Δ
=+
(3)
Under light load conditions below 100mA, larger
inductance
is
recommended
for
improved
efficiency.
For optimized efficiency, the inductor DC
resistance is recommended to be less than
200mΩ.
NTC Function
As Figure 6 shows, the low temperature
threshold and high temperature threshold are
preset internally via a resistive divider, which are
73%·VREF33 and 30%·VREF33. For a given
NTC thermistor, we can select appropriate R3
and R6 to set the NTC window.
In detail, for the thermistor (NCP18XH103) noted
in above electrical characteristic,
At 0ºC, RNTC_Cold = 27.445kΩ;
At 50ºC, RNTC_Hot = 4.1601kΩ.
Assume that the NTC window is between 0ºC
and 50ºC, the following equations could be
derived:
73%
VREF33
V
R6//R
R3
R6//R
TH_Low
NTC_Cold
NTC_Cold
=
=
+
(4)
30%
VREF33
V
R6//R
R3
R6//R
TH_High
NTC_Hot
NTC_Hot
=
=
+
(5)
According to equation (4) and equation (5), we
can find that R3 = 9.63k and R6 = 505k.
To be simple in project, making R3=10k and R6
no
connect
will
approximately
meet
the
specification.
NTC
VREF33
Low Temp Threshold
High Temp Threshold
RNTC
R3
R6
VTH_Low
VTH_High
Figure 6— NTC function block
Selecting the Input Capacitor
The input capacitor reduces the surge current
drawn from the input and also the switching noise
from the device. The input capacitor impedance
at the switching frequency should be less than
the input source impedance to prevent high
frequency switching current passing to the input.
Ceramic capacitors with X5R or X7R dielectrics
are highly recommended because of their low
ESR and small temperature coefficients. For
most applications, a 4.7µF capacitor is sufficient.
Selecting the Output Capacitor
The output capacitor keeps output voltage ripple
small and ensures regulation loop stability. The
output capacitor impedance should be low at the
switching frequency. Ceramic capacitors with
X5R or X7R dielectrics are recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com