Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2617 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP2617
Description  3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2617 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP2617 Datasheet HTML 17Page - Monolithic Power Systems MP2617 Datasheet HTML 18Page - Monolithic Power Systems MP2617 Datasheet HTML 19Page - Monolithic Power Systems MP2617 Datasheet HTML 20Page - Monolithic Power Systems MP2617 Datasheet HTML 21Page - Monolithic Power Systems MP2617 Datasheet HTML 22Page - Monolithic Power Systems MP2617 Datasheet HTML 23Page - Monolithic Power Systems MP2617 Datasheet HTML 24Page - Monolithic Power Systems MP2617 Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
MP2617 – SINGLE CELL SWITCHING CHARGER WITH POWER PATH CONTROL
MP2617 Rev. 1.03
www.MonolithicPower.com
21
8/23/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
up even with a drained battery connected, VSYS is
regulated at constant 3.6V.
When the input source is overloaded, either the
current exceeds the input current limit or the
voltage falls below the input voltage limit, the
MP2617 then reduces the charge current until
the input current falls below the input current limit
and the input voltage rises above the input
voltage limit. If the system current increases
beyond the power allowed by the input source,
additional power will be drawned from the battery
via an on-chip 40mΩ MOSFET working as an
ideal diode.
Additionally, if the input source is removed, the
MP2617 will turn on the 40mΩ MOSFET allowing
the battery to power the system load to keep the
operation of the portable device.
Operation Flow Chart
Figure 5 shows the operation flow chart of the
MP2617.
Figure 6 shows the operation process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com