Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2625 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2625
Description  2A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2625 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2625 Datasheet HTML 9Page - Monolithic Power Systems MP2625 Datasheet HTML 10Page - Monolithic Power Systems MP2625 Datasheet HTML 11Page - Monolithic Power Systems MP2625 Datasheet HTML 12Page - Monolithic Power Systems MP2625 Datasheet HTML 13Page - Monolithic Power Systems MP2625 Datasheet HTML 14Page - Monolithic Power Systems MP2625 Datasheet HTML 15Page - Monolithic Power Systems MP2625 Datasheet HTML 16Page - Monolithic Power Systems MP2625 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
MP2625
– SINGLE CELL SWITCHING CHARGER WITH POWER PATH CONTROL
MP2625 Rev. 1.12
www.MonolithicPower.com
13
10/29/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
OPERATION
Driver
IN
SW
C
L
HSG
LSG
BST
SYS
VBATx 2
Charge
Pump
BATT
SYS
EA
EA
SYSFB
SYSFB1
Max(A,B)
VBATT+200mV
EAO
Converter
control
4 0mO
BATTFB
VREF
ILIM
M1
M0
SYS
BATT
Ideal diode
regulation
VTH
Battery switch
current limit
ISET
VIN
3.5 V coarse
LDO &
3.0 V UVLO
EN
VCC
4.5 V LDO
VBG
3 .8 V UVLO
VBG
VIN
UVLO
GND
NTC
TMR
ACOK
CHGOK
EN
EN
1.5V
EAO
VREF_CC
CC/ CV linear
charger
VLIM
3.6V
SYSFB1
SYSFB
BATTFB
Iref
Input current
limit reference
selector
Charger Control & Chip Logic
Bandgap
& Bias
EA
SYSFB
VBG
Figure 1
—Function Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com