Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2633 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2633
Description  1.5A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2633 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2633 Datasheet HTML 1Page - Monolithic Power Systems MP2633 Datasheet HTML 2Page - Monolithic Power Systems MP2633 Datasheet HTML 3Page - Monolithic Power Systems MP2633 Datasheet HTML 4Page - Monolithic Power Systems MP2633 Datasheet HTML 5Page - Monolithic Power Systems MP2633 Datasheet HTML 6Page - Monolithic Power Systems MP2633 Datasheet HTML 7Page - Monolithic Power Systems MP2633 Datasheet HTML 8Page - Monolithic Power Systems MP2633 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
MP2633 – 1.5A SINGLE CELL SWITCH MODE BATTERY CHARGER
MP2633 Rev. 1.05
www.MonolithicPower.com
4
4/19/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5.0V, TA = 25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
IN to SYS NMOS ON Resistance
RIN to SYS
100
mΩ
High-side PMOS ON Resistance
RH_DS
72
mΩ
Low-side NMOS ON Resistance
RL_DS
70
mΩ
CC Charge Mode/Boost
Mode
4
A
High-Side PMOS Peak Current
Limit
IPEAK_HS
TC Charge Mode
1.5
A
Low-Side NMOS Peak Current
Limit
IPEAK_LS
4.5
A
FREQ = 0
600
Switching Frequency
fSW
FREQ = Float/ High
1200
kHz
VCC UVLO
VCC_UVLO
2
2.2
2.4
V
VCC UVLO Hysteresis
100
mV
PWIN, Lower Threshold
VPWIN_L
0.75
0.8
0.85
V
Lower Threshold Hysteresis
40
mV
PWIN, Upper Threshold
VPWIN_H
1.1
1.15
1.2
V
Upper Threshold Hysteresis
65
mV
Charge Mode
EN = 5V, Battery Float
2.5
mA
Input Quiescent Current
IIN
EN = 0
1.5
mA
RlLIM = 90.9k
400
450
500
RlLIM = 49.9k
720
810
900
Input Current Limit
IIN_LIMIT
RlLIM = 20k
1800
2000
2200
mA
Input Over-Current Threshold
IIN(OCP)
3
A
Input Over-Current Blanking
Time
(5)
τINOCBLK
120
µs
Input Over-Current Recovery
Time
(5)
τINRECVR
100
ms
Connect VB to GND
3.582
3.6
3.618
Terminal Battery Voltage
VBATT_FULL Leave VB floating or
connect to logic HIGH
4.179
4.2
4.221
Connect to VB to GND
3.39
3.44
3.49
V
Recharge Threshold
VRECH
Leave VB floating or
connect to logic HIGH
3.95
4.01
4.07
V
Recharge Threshold Hysteresis
200
mV
Battery Over Voltage Threshold
103.3%
VBATT_FULL
RS1 = 40mΩ, RISET = 69.8k
900
1000
1100
Constant Charge (CC) Current
ICC
RS1 = 40mΩ, RISET = 46.4k
1350
1500
1650
mA
Trickle-Charge Current
ITC
230
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com