Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2633GR Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2633GR
Description  1.5A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2633GR Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2633GR Datasheet HTML 9Page - Monolithic Power Systems MP2633GR Datasheet HTML 10Page - Monolithic Power Systems MP2633GR Datasheet HTML 11Page - Monolithic Power Systems MP2633GR Datasheet HTML 12Page - Monolithic Power Systems MP2633GR Datasheet HTML 13Page - Monolithic Power Systems MP2633GR Datasheet HTML 14Page - Monolithic Power Systems MP2633GR Datasheet HTML 15Page - Monolithic Power Systems MP2633GR Datasheet HTML 16Page - Monolithic Power Systems MP2633GR Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
MP2633 – 1.5A SINGLE CELL SWITCH MODE BATTERY CHARGER
MP2633 Rev. 1.05
www.MonolithicPower.com
13
4/19/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
0.8V
1.15V
BATT+
300mV
VCC
PWIN
VIN
SYS
FB
A1
Control Logic&
Mode Selection
TMR
SW
VCC
Driver
VBATT
GMI
MIN
GMV
VBATT_Ref
ICHG_Ref
PWM Controller
Current Setting
Mode Control
GMINI
IIN_Ref
GMINV
VREG_Ref
REG
VBATT
MODE
GMT
TRef
TJ
NTC
VSYS
SYS
Indication&
Timer
ACOK
CHG
BOOST
EN
PWM Signal
HSMOS
LSMOS
ISET
ILIM
OLIM
FREQ
AGND
BATT
Charge
Pump
ACOK
VB
K1*ICHG
K2*IIN
CSP
Current
Sense
K1*ICHG
Thermal
Shutdown
VBATT
Buffer
Q1
Q2
PGND
Figure 1: Functional Block Diagram in Charge Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com