Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2670 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2670
Description  Li-ion Battery Charger Protection Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2670 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2670 Datasheet HTML 1Page - Monolithic Power Systems MP2670 Datasheet HTML 2Page - Monolithic Power Systems MP2670 Datasheet HTML 3Page - Monolithic Power Systems MP2670 Datasheet HTML 4Page - Monolithic Power Systems MP2670 Datasheet HTML 5Page - Monolithic Power Systems MP2670 Datasheet HTML 6Page - Monolithic Power Systems MP2670 Datasheet HTML 7Page - Monolithic Power Systems MP2670 Datasheet HTML 8Page - Monolithic Power Systems MP2670 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP2670 – CHARGE SYSTEM PROTECTION CIRCUIT
MP2670 Rev. 0.91
www.MonolithicPower.com
2
5/13/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Temperature
MP2670DQ
QFN10
(3mm x 3mm)
X7
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (g. MP2670DQ–Z).For RoHS compliant packaging, add suffix –LF (e.g.
MP2670DQ–LF–Z)
PACKAGE REFERENCE
TOP VIEW
VIN
GND
FLT
NC
NC
1
2
3
4
5
OUT
OUT
ILIM
VB
EN
10
9
8
7
6
EXPOSED PAD
ON BACKSIDE
CONNECT TO GND
ABSOLUTE MAXIMUM RATINGS (1)
VIN to GND......................................–0.3V to 30V
OUT and VB to GND........................–0.3V to 7V
Other Pins (ILIM, FLT , EN ) ..........–0.3V to 5.5V
Junction Temperature...............................150
°C
Lead Temperature (Solder).......................260
°C
Storage Temperature.............. –65
°C to +150°C
Recommended Operating Conditions
(2)
Supply Voltage VIN ..........................4.3V to 5.5V
Operating Temperature............. –40
°C to +85°C
Thermal Resistance
(3)
θJA
θJC
QFN10 (3mm x 3mm) .............50 ...... 12 ...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com