Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16SPS100M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 16SPS100M
Description  Large Capacitance, Low ESR Optimum for Audio etc.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

16SPS100M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  16SPS100M Datasheet HTML 1Page - Sanyo Semicon Device 16SPS100M Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
■Table12 SP Series Characteristics List
※1
Tolerance on rated capacitance : M
±20%
※2
After 2 minutes
※3
100kHz, +45
°C
※4
D size is SPS series.
E'
D
C
E
F
F0
G
F'
C'
25SP6R8M
20SP22M
16SP33M
10SP56M
6SP68M
4SP100M
20SP47M
16SP68M
10SP100M
6SP150M
4SP220M
20SP68M
16SP100M
10SP180M
6SP220M
4SP330M
25SP10M
20SP33M
16SP47M
10SP82M
6SP120M
4SP150M
25SPS18M
20SPS68M
16SPS100M
10SPS150M
6SPS220M
4SPS270M
25SP33M
20SP120M
16SP180M
10SP270M
6SP390M
4SP560M
25SP56M
20SP180M
16SP270M
10SP470M
6SP680M
4SP820M
4SP1000M
2R5SP1200M
2SP1000M
4SP1500M
2SP1800M
4SP2200M
25
20
16
10
6.3
4
20
16
10
6.3
4
20
16
10
6.3
4
25
20
16
10
6.3
4
25
20
16
10
6.3
4
25
20
16
10
6.3
4
25
20
16
10
6.3
4
4
2.5
2
4
2
4
22
33
56
68
100
47
68
100
150
220
68
100
180
220
330
10
33
47
82
120
150
18
68
100
150
220
270
33
120
180
270
390
560
56
180
270
470
680
820
1000
1200
1000
1500
1800
2200
60
50
50
45
40
40
36
34
32
30
28
34
32
29
28
24
55
45
45
40
35
35
40
30
25
25
20
20
30
24
20
18
16
14
25
20
18
15
13
12
12
12
11
8
8
9
1510
1580
1580
1710
1850
1850
2210
2280
2350
2420
2510
2800
2890
2990
3100
3230
1560
1710
1710
1850
1930
1930
2230
2580
2820
2820
3160
3160
2780
3110
3410
3600
3810
4080
3260
4280
4400
4510
4840
5040
5040
5040
5260
6500
6500
7100
0.06
0.06
0.06
0.06
0.06
0.06
0.07
0.07
0.07
0.07
0.07
0.07
0.07
0.07
0.07
0.07
0.07
0.07
0.07
0.07
0.07
0.07
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.10
0.10
0.12
17.00
44.00
52.80
56.00
42.84
40.00
94.00
108.80
100.00
94.50
88.00
136.00
160.00
180.00
138.60
132.00
25.00
66.00
75.20
82.00
75.60
60.00
45.00
136.00
160.00
150.00
138.60
108.00
82.50
240.00
288.00
270.00
245.70
224.00
140.00
360.00
432.00
470.00
428.40
328.00
400.00
450.00
400.00
600.00
720.00
880.00
6.8
※4
41
Temperature coefficient for allowable ripple current
4. SPECIFICATIONS FOR EACH SERIES
Size
Code
Part Number
※1
Rated
Voltage
(V)
Rated
Capacitance
(
µF)
ESR
100kHz to 300kHz
(m
Ω) (max.)
Allowable
ripple current
(mArms)
※3
Tangent of
loss angle
(max.)
Leakage
current (
µA)
(max.)
※2
Ambient Temp.
Coefficient
Tx
≦45
°C
1
45
°C<Tx≦65°C
0.85
65
°C<Tx≦85°C
0.7
85
°C<Tx≦95°C
0.4
95
°C<Tx≦105°C
0.25
Frequency coefficient for allowable ripple current
120Hz
≦ f <1kHz
0.05
1kHz
≦ f <10kHz
0.2
10kHz
≦ f <100kHz
0.5
100kHz
≦ f ≦500kHz
1
Frequency
Coefficient



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com