Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-LS Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MF-LS
Description  PTC Resettable Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-LS Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MF-LS Datasheet HTML 1Page - Bourns Electronic Solutions MF-LS Datasheet HTML 2Page - Bourns Electronic Solutions MF-LS Datasheet HTML 3Page - Bourns Electronic Solutions MF-LS Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
■ Axial/radial leaded
■ Fully compatible with current industry
standards
■ Weldable nickel terminals
■ Very low internal resistance
■ RoHS compliant*
■ Agency recognition:
MF-LS Series - PTC Resettable Fuses
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Environmental Characteristics
Operating/Storage Temperature ........................... -40 °C to +85 °C
Maximum Device Surface Temperature
in Tripped State ................................................ 125 °C
Passive Aging ....................................................... +85 °C, 1000 hours............................................... ±10 % typical resistance change
Humidity Aging...................................................... +85 °C, 85% R.H. 7 days...................................... ±5 % typical resistance change
Vibration ............................................................... MIL-STD-883C,..................................................... No change
Condition A
Test Procedures And Requirements For Model MF-LS Series
Test
Test Conditions
Accept/Reject Criteria
Visual/Mech. .................................................... Verify dimensions and materials .......................Per MF physical description
Resistance....................................................... In still air @ 23 °C.............................................Rmin
≤ R ≤ R1max
Time to Trip...................................................... At specified current, Vmax, 23 °C.....................T
≤ max. time to trip (seconds)
Hold Current .................................................... 30 min. at Ihold .................................................No trip
Trip Cycle Life.................................................. Vmax, Imax, 100 cycles....................................No arcing or burning
Trip Endurance ................................................ Vmax, 48 hours.................................................No arcing or burning
UL File Number ............................................... E 174545S
CSA File Number............................................. CA 110338
TÜV File Number............................................. R2057213
Electrical Characteristics
Thermal Derating Chart - Ihold/ Itrip (Amps)
Model
Ambient Operating Temperature
-40 ºC
-20 ºC
0 ºC
23 ºC
40 ºC
50 ºC
60 ºC
70 ºC
85 ºC
MF-LS100S
1.80 / 4.50
1.60 / 4.00
1.40 / 3.50
1.00 / 2.50
0.80 / 2.00
0.70 / 1.75
0.60 / 1.50
0.40 / 1.00
0.20 / 0.50
MF-LS180
3.10 / 6.54
2.60 / 5.49
2.20 / 4.64
1.80 / 3.80
1.30 / 2.74
1.10 / 2.32
0.90 / 1.90
0.60 / 1.27
0.20 / 0.42
MF-LS180L
3.10 / 6.54
2.60 / 5.49
2.20 / 4.64
1.80 / 3.80
1.30 / 2.74
1.10 / 2.32
0.90 / 1.90
0.60 / 1.27
0.20 / 0.42
MF-LS180S
3.10 / 6.54
2.60 / 5.49
2.20 / 4.64
1.80 / 3.80
1.30 / 2.74
1.10 / 2.32
0.90 / 1.90
0.60 / 1.27
0.20 / 0.42
MF-LS190
3.30 / 7.29
2.80 / 6.19
2.40 / 5.31
1.90 / 4.20
1.40 / 3.09
1.20 / 2.65
1.10 / 2.43
0.70 / 1.55
0.40 / 0.88
MF-LS190RU
3.30 / 7.29
2.80 / 6.19
2.40 / 5.31
1.90 / 4.20
1.40 / 3.09
1.20 / 2.65
1.10 / 2.43
0.70 / 1.55
0.40 / 0.88
MF-LS260
4.30 / 8.60
3.70 / 7.40
3.10 / 6.20
2.60 / 5.20
1.90 / 3.80
1.60 / 3.20
1.40 / 2.80
1.10 / 2.20
0.60 / 1.20
MF-LS300
5.10 / 10.7
4.40 / 9.24
3.70 / 7.77
3.00 / 6.30
2.30 / 4.83
1.90 / 3.99
1.60 / 3.36
1.20 / 2.52
0.60 / 1.26
MF-LS340
5.50 / 11.0
4.70 / 9.40
4.00 / 8.00
3.40 / 6.80
2.60 / 5.20
2.20 / 4.40
1.90 / 3.80
1.50 / 3.00
0.80 / 1.60
NOTE: Slotted option available on all models.
LS
0144T190
Model
V max.
Volts
I max.
Amps
Ihold
Itrip
Initial
Resistance
1 Hour (R1)
Post-Trip
Resistance
Max. Time
to Trip
Tripped
Power
Dissipation
Amperes
at 23 °C
Ohms
at 23 °C
Ohms
at 23 °C
Amperes
at 23 °C
Seconds
at 23 °C
Watts
at 23 °C
Hold
Trip
Min.
Max.
Max.
Typ.
MF-LS100S
24
100
1.0
2.5
0.070
0.130
0.260
5
7.0
1.5
MF-LS180
24
100
1.8
3.8
0.040
0.068
0.120
9
2.9
2.0
MF-LS180L
24
100
1.8
3.8
0.040
0.068
0.120
9
2.9
2.0
MF-LS180S
24
100
1.8
3.8
0.040
0.068
0.120
9
2.9
2.0
MF-LS190
24
100
1.9
4.2
0.030
0.057
0.100
10
3.0
1.9
MF-LS190RU
15
100
1.9
4.2
0.030
0.057
0.100
10
3.0
1.9
MF-LS260
24
100
2.6
5.2
0.025
0.042
0.076
13
5.0
2.3
MF-LS300
24
100
3.0
6.3
0.015
0.031
0.055
15
4.0
2.0
MF-LS340
24
100
3.4
6.8
0.016
0.027
0.050
17
5.0
2.7
The slotted lead option is currently
available but not, recommended for
new designs.


Similar Part No. - MF-LS

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-LS BOURNS-MF-LS Datasheet
215Kb / 4P
PTC Resettable Fuses
MF-LS070 BOURNS-MF-LS070 Datasheet
215Kb / 4P
PTC Resettable Fuses
MF-LS070S BOURNS-MF-LS070S Datasheet
215Kb / 4P
PTC Resettable Fuses
MF-LS100S BOURNS-MF-LS100S Datasheet
215Kb / 4P
PTC Resettable Fuses
MF-LS180 BOURNS-MF-LS180 Datasheet
215Kb / 4P
PTC Resettable Fuses
More results

Similar Description - MF-LS

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-USMD005 BOURNS-MF-USMD005 Datasheet
70Kb / 4P
PTC Resettable Fuses
MF-VS BOURNS-MF-VS Datasheet
207Kb / 3P
PTC Resettable Fuses
MF-D BOURNS-MF-D Datasheet
24Kb / 1P
PTC Resettable Fuses
MF-MSMD BOURNS-MF-MSMD Datasheet
229Kb / 4P
PTC Resettable Fuses
MF-R BOURNS-MF-R Datasheet
281Kb / 6P
PTC Resettable Fuses
MF-SM030 BOURNS-MF-SM030 Datasheet
323Kb / 4P
PTC Resettable Fuses
MF-SMHT136 BOURNS-MF-SMHT136_12 Datasheet
348Kb / 4P
PTC Resettable Fuses
MF-SVS170 BOURNS-MF-SVS170_13 Datasheet
189Kb / 4P
PTC Resettable Fuses
MF-VS170N BOURNS-MF-VS170N Datasheet
181Kb / 3P
PTC Resettable Fuses
MF-R BOURNS-MF-R_15 Datasheet
375Kb / 6P
PTC Resettable Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com