Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP270N8F7 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP270N8F7
Description  N-channel 80 V, 0.0017 typ., 180 A, STripFET VII DeepGATE Power MOSFETs in H2PAK-2, H2PAK-6 and TO-220
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP270N8F7 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP270N8F7 Datasheet HTML 3Page - STMicroelectronics STP270N8F7 Datasheet HTML 4Page - STMicroelectronics STP270N8F7 Datasheet HTML 5Page - STMicroelectronics STP270N8F7 Datasheet HTML 6Page - STMicroelectronics STP270N8F7 Datasheet HTML 7Page - STMicroelectronics STP270N8F7 Datasheet HTML 8Page - STMicroelectronics STP270N8F7 Datasheet HTML 9Page - STMicroelectronics STP270N8F7 Datasheet HTML 10Page - STMicroelectronics STP270N8F7 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
DocID024006 Rev 3
7/21
STH270N8F7-2, STH270N8F7-6, STP270N8F7
Electrical characteristics (curves)
Figure 8. Output characteristics for H2PAK-2
and H2PAK-6
Figure 9. Transfer characteristics for H2PAK-2
and H2PAK-6
ID
150
100
50
0
0
4
VDS(V)
(A)
2
6
200
250
6V
7V
VGS=8, 9, 10V
300
5V
8
350
AM15672v1
ID
150
100
50
0
0
4
VGS(V)
8
(A)
2
6
200
250
300
350
1
3
5
7
9
VDS=2V
AM15682v1
Figure 10. Normalized BVDSS vs temperature
Figure 11. Static drain-source on-resistance for
H2PAK-2 and H2PAK-6
Figure 12. Static drain-source on-resistance for
TO-220
Figure 13. Capacitance variations
BVDSS
-75
TJ(°C)
(norm)
-50
0
-25
0.96
0.98
1
1.02
1.04
ID=1 mA
25 50 75 100 125 150
AM15681v1
RDS(on)
1.72
1.70
1.68
1.66
0
40
ID(A)
(m
Ω)
20
60
1.74
140
80 100 120
160 180
VGS=10V
AM15674v1
RDS(on)
2.15
2.10
2.05
2.00
0
40
ID(A)
(m
Ω)
20
60
2.20
140
80 100 120
160 180
VGS=10V
AM15675v1
C
6000
4000
2000
0
0
20
VDS(V)
(pF)
10
30
Ciss
Coss
Crss
40
50
60
8000
10000
12000
14000
16000
AM15676v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com