Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGB20H60DF Datasheet(PDF) 21 Page - STMicroelectronics

Part # STGB20H60DF
Description  600 V, 20 A high speed trench gate field-stop IGBT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB20H60DF Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STGB20H60DF Datasheet HTML 14Page - STMicroelectronics STGB20H60DF Datasheet HTML 15Page - STMicroelectronics STGB20H60DF Datasheet HTML 16Page - STMicroelectronics STGB20H60DF Datasheet HTML 17Page - STMicroelectronics STGB20H60DF Datasheet HTML 18Page - STMicroelectronics STGB20H60DF Datasheet HTML 19Page - STMicroelectronics STGB20H60DF Datasheet HTML 20Page - STMicroelectronics STGB20H60DF Datasheet HTML 21Page - STMicroelectronics STGB20H60DF Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
DocID023740 Rev 4
21/22
STGB20H60DF, STGF20H60DF, STGP20H60DF
Revision history
6
Revision history
Table 13. Document revision history
Date
Revision
Changes
03-Oct-2012
1
Initial release.
18-Mar-2013
2
Added new order code STGF20H60DF, mechanical data
Table 9 and
Figure 29 on page 14.
Added
Chapter 2.1: Electrical characteristics (curves).
22-Mar-2013
3
Document status promoted from preliminary to production data.
03-Jun-2013
4
Updated P
TOT
in
Table 2: Absolute maximum ratings, R
thJC
in
Table 3: Thermal data and Figure 10: Power dissipation vs. case
temperature for D²PAK and TO-220.
Updated
Section 4: Package mechanical data for TO-220.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com