Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STU80N4F6 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STU80N4F6
Description  N-channel 40 V, 5.5 m typ., 80 A STripFET VI DeepGATE Power MOSFET in DPAK
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU80N4F6 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STU80N4F6 Datasheet HTML 3Page - STMicroelectronics STU80N4F6 Datasheet HTML 4Page - STMicroelectronics STU80N4F6 Datasheet HTML 5Page - STMicroelectronics STU80N4F6 Datasheet HTML 6Page - STMicroelectronics STU80N4F6 Datasheet HTML 7Page - STMicroelectronics STU80N4F6 Datasheet HTML 8Page - STMicroelectronics STU80N4F6 Datasheet HTML 9Page - STMicroelectronics STU80N4F6 Datasheet HTML 10Page - STMicroelectronics STU80N4F6 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DocID023839 Rev 3
7/18
STD80N4F6, STU80N4F6
Electrical characteristics
Figure 8. Capacitance variations
Figure 9. Drain-source diode forward
characteristics
Figure 10. Normalized gate threshold voltage vs
temperature
Figure 11. Normalized on-resistance vs
temperature
Figure 12. Normalized BVDSS vs temperature
C
1500
1000
500
0
0
20
VDS(V)
(pF)
10
30
Ciss
Coss
Crss
40
2000
2500
AM15352v1
VSD
0
40
ISD(A)
(V)
20
60
80
0
0.2
0.4
0.6
0.8
1.0
TJ=-50°C
TJ=150°C
TJ=25°C
AM15604v1
VGS(th)
0.6
0.4
0.2
0
-75
-25
TJ(°C)
(norm)
-50
0.8
50
0 25
75 100
1
ID=250 µA
125
1.2
AM15354v1
RDS(on)
1.5
1
0
TJ(°C)
(norm)
0.5
ID=40A
VGS=10V
-75
0
-50
75
-25
50
100
25
125
2
150
AM15356v1
VDS
-75
0
TJ(°C)
(norm)
-50
75
-25
50
100
0.6
0.7
0.8
0.9
1
1.1
ID = 1mA
25
125
1.2
1.3
150
AM15353v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com