Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16 Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC16
Description  20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16 Datasheet(HTML) 1 Page - Microchip Technology

  PIC16 Datasheet HTML 1Page - Microchip Technology PIC16 Datasheet HTML 2Page - Microchip Technology PIC16 Datasheet HTML 3Page - Microchip Technology PIC16 Datasheet HTML 4Page - Microchip Technology PIC16 Datasheet HTML 5Page - Microchip Technology PIC16 Datasheet HTML 6Page - Microchip Technology PIC16 Datasheet HTML 7Page - Microchip Technology PIC16 Datasheet HTML 8Page - Microchip Technology PIC16 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 418 page
background image
 2011-2013 Microchip Technology Inc.
DS40001609C-page 1
PIC16(L)F1508/9
High-Performance RISC CPU:
• C Compiler Optimized Architecture
• Only 49 Instructions
• Up to 8 Kwords Linear Program Memory
Addressing
• Up to 512 bytes Linear Data Memory Addressing
• Operating Speed:
- DC – 20 MHz clock input
- DC – 200 ns instruction cycle
• Interrupt Capability with Automatic Context
Saving
• 16-Level Deep Hardware Stack with Optional
Overflow/Underflow Reset
• Direct, Indirect and Relative Addressing modes:
- Two full 16-bit File Select Registers (FSRs)
- FSRs can read program and data memory
Flexible Oscillator Structure:
• 16 MHz Internal Oscillator Block:
- Factory calibrated to ±1%, typical
- Software selectable frequency range from
16 MHz to 31 kHz
• 31 kHz Low-Power Internal Oscillator
• Three External Clock modes up to 20 MHz
Special Microcontroller Features:
• Operating Voltage Range:
- 1.8V to 3.6V (PIC16LF1508/9)
- 2.3V to 5.5V (PIC16F1508/9)
• Self-Programmable under Software Control
• Power-On Reset (POR)
• Power-up Timer (PWRT)
• Programmable Low-Power Brown-Out Reset
(LPBOR)
• Extended Watchdog Timer (WDT):
- Programmable period from 1 ms to 256s
• Programmable Code Protection
• In-Circuit Serial Programming™ (ICSP™) via Two
Pins
• Enhanced Low-Voltage Programming (LVP)
• In-Circuit Debug (ICD) via Two Pins
• Power-Saving Sleep mode:
- Low-Power Sleep mode
- Low-Power BOR (LPBOR)
• Integrated Temperature Indicator
• 128 Bytes High-Endurance Flash
- 100,000 write Flash endurance (minimum)
Extreme Low-Power Management
with XLP (PIC16LF1508/9):
• Standby Current:
- 20 nA @ 1.8V, typical
• Watchdog Timer Current:
- 260 nA @ 1.8V, typical
• Operating Current:
-30
A/MHz @ 1.8V, typical
• Secondary Oscillator Current:
- 700 nA @ 32 kHz, 1.8V, typical
Peripheral Features:
• Analog-to-Digital Converter (ADC):
- 10-bit resolution
- 12 external channels
- Three internal channels:
- Fixed Voltage Reference
- Digital-to-Analog Converter (DAC)
- Temperature Indicator channel
- Auto acquisition capability
- Conversion available during Sleep
• 5-Bit Digital-to-Analog Converter (DAC):
- Output available externally
- Positive reference selection
- Internal connections to comparators and
ADC
• Two Comparators:
- Rail-to-rail inputs
- Power mode control
- Software controllable hysteresis
• Voltage Reference module:
- 1.024V Fixed Voltage Reference (FVR) with
1x, 2x and 4x Gain output levels
• 18 I/O Pins (1 Input-only Pin):
- High current sink/source 25 mA/25 mA
- Individually programmable weak pull-ups
- Individually programmable
Interrupt-On-Change (IOC) pins
• Timer0: 8-Bit Timer/Counter with 8-Bit
Programmable Prescaler
• Enhanced Timer1:
- 16-bit timer/counter with prescaler
- External Gate Input mode
• Timer2: 8-Bit Timer/Counter with 8-Bit Period
Register, Prescaler and Postscaler
• Four 10-bit PWM modules
20-Pin Flash, 8-Bit Microcontrollers
with XLP Technology


Similar Part No. - PIC16

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16(L)F1459 MICROCHIP-PIC16(L)F1459 Datasheet
5Mb / 12P
8-bit PIC짰 Microcontrollers
03/12/14
PIC16(L)F1503 MICROCHIP-PIC16(L)F1503 Datasheet
3Mb / 340P
14-Pin Flash, 8-Bit Microcontrollers
08/02/11
PIC16(L)F1507 MICROCHIP-PIC16(L)F1507 Datasheet
3Mb / 340P
14-Pin Flash, 8-Bit Microcontrollers
08/02/11
PIC16(L)F1508 MICROCHIP-PIC16(L)F1508 Datasheet
3Mb / 340P
14-Pin Flash, 8-Bit Microcontrollers
08/02/11
PIC16(L)F1509 MICROCHIP-PIC16(L)F1509 Datasheet
3Mb / 340P
14-Pin Flash, 8-Bit Microcontrollers
08/02/11
More results

Similar Description - PIC16

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F1XK22 MICROCHIP-PIC18F1XK22 Datasheet
3Mb / 388P
20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16LF1508 MICROCHIP-PIC16LF1508 Datasheet
4Mb / 384P
20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
2011
PIC16F1508 MICROCHIP-PIC16F1508 Datasheet
6Mb / 422P
20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
11/29/12 2011-2013
PIC16LF1454 MICROCHIP-PIC16LF1454 Datasheet
7Mb / 418P
14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
11/29/11 2012
PIC12F1840 MICROCHIP-PIC12F1840_12 Datasheet
6Mb / 410P
8-Pin Flash Microcontrollers with XLP Technology
2011-2012 11/29/12
PIC16LF1824T39A MICROCHIP-PIC16LF1824T39A_12 Datasheet
6Mb / 418P
20-Pin Flash Microcontrollers with XLP Technology
11/29/11
PIC16F1459-EML MICROCHIP-PIC16F1459-EML Datasheet
7Mb / 418P
14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
11/29/11
PIC16F1508-I MICROCHIP-PIC16F1508-I Datasheet
4Mb / 384P
20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
08/02/11
PIC16F1509-E MICROCHIP-PIC16F1509-E Datasheet
4Mb / 384P
20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
08/02/11
PIC16LF1554 MICROCHIP-PIC16LF1554 Datasheet
3Mb / 340P
20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
05/14/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com